Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1BUA3WNVX-TL Datasheet(PDF) 3 Page - Rohm

Part # BU1BUA3WNVX-TL
Description  Versatile Package FULL CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1BUA3WNVX-TL Datasheet(HTML) 3 Page - Rohm

  BU1BUA3WNVX-TL Datasheet HTML 1Page - Rohm BU1BUA3WNVX-TL Datasheet HTML 2Page - Rohm BU1BUA3WNVX-TL Datasheet HTML 3Page - Rohm BU1BUA3WNVX-TL Datasheet HTML 4Page - Rohm BU1BUA3WNVX-TL Datasheet HTML 5Page - Rohm BU1BUA3WNVX-TL Datasheet HTML 6Page - Rohm BU1BUA3WNVX-TL Datasheet HTML 7Page - Rohm BU1BUA3WNVX-TL Datasheet HTML 8Page - Rohm BU1BUA3WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300040-1-2
TSZ22111・15・001
3/11
21.MAR.2013.Rev.003
BUxxUA3WNVX series
Datasheet
●Lineup
●Absolute Maximum Ratings (Ta=25°C)
PARAMETER
Symbol
Limit
Unit
Power Supply Voltage
VMAX
-0.3 ~
+6.0
V
Power Dissipation
Pd
560(*1)
mW
Maximum junction temperature
TjMAX
+125
Operating Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-55
~ +125
(*1)Pd deleted at 5.6mW/℃ at temperatures above Ta=25℃, mounted on 70×70×1.6 mm glass-epoxy PCB.
● RECOMMENDED OPERATING RANGE (not to exceed Pd)
PARAMETER
Symbol
Limit
Unit
Power Supply Voltage
VIN
1.7~5.5
V
Maximum Output Current
IMAX
300
mA
●OPERATING CONDITIONS
(*2)Make sure that the output capacitor value is not kept lower than this specified level across a variety of
temperature, DC bias, changing as time progresses characteristic.
PARAMETER
Symbol
MIN.
TYP.
MAX.
Unit
CONDITION
Input Capacitor
Cin
0.47(*2)
1.0
-
μF
Ceramic capacitor recommended
Output Capacitor
Co
0.47(*2)
1.0
-
μF
(*)Under development
Marking
e
ml(*)
nl(*)
Ul(*)
Yl(*)
al(*)
ql(*)
TBD(*)
TBD(*)
TBD(*)
Output
Voltage
1.0V
1.05V
1.1V
1.15V
1.2V
1.25V
1.3V
1.35V
1.4V
1.45V
Part
Number
BU10
BU1A
BU11
BU1B
BU12
BU1C
BU13
BU1D
BU14
BU1E
f
TBD(*)
TBD(*)
TBD(*)
TBD(*)
TBD(*)
g
bl(*)
dl(*)
TBD(*)
el(*)
1.5V
1.55V
1.6V
1.65V
1.7V
1.75V
1.8V
1.85V
1.9V
1.95V
2.0V
BU15
BU1F
BU16
BU1G
BU17
BU1H
BU18
BU1J
BU19
BU1K
BU20
fl(*)
gl(*)
TBD(*)
rl(*)
TBD(*)
hl(*)
TBD(*)
TBD(*)
TBD(*)
h
TBD(*)
2.05V
2.1V
2.15V
2.2V
2.25V
2.3V
2.35V
2.4V
2.45V
2.5V
2.55V
BU2A
BU21
BU2B
BU22
BU2C
BU23
BU2D
BU24
BU2E
BU25
BU2F
m(*)
TBD(*)
ul(*)
yl(*)
n(*)
q(*)
u(*)
0i(*)
k
TBD(*)
1i(*)
2.6V
2.65V
2.7V
2.75V
2.8V
2.85V
2.9V
2.95V
3.0V
3.05V
3.1V
BU26
BU2G
BU27
BU2H
BU28
BU2J
BU29
BU2K
BU30
BU3A
BU31
TBD(*)
2i(*)
TBD(*)
y(*)
TBD(*)
3i(*)
TBD(*)
TBD(*)
TBD(*)
TBD(*)
TBD(*)
3.15V
3.2V
3.25V
3.3V
3.35V
3.4V
3.45V
3.5V
3.55V
3.6V
3.65V
BU3B
BU32
BU3C
BU33
BU3D
BU34
BU3E
BU35
BU3F
BU36
BU3G
9(*)
TBD(*)
TBD(*)
TBD(*)
TBD(*)
TBD(*)
TBD(*)
3.7V
3.75V
3.8V
3.85V
3.9V
3.95V
4.0V
BU37
BU3H
BU38
BU3J
BU39
BU3K
BU40


Similar Part No. - BU1BUA3WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1BUB3WG-GTL ROHM-BU1BUB3WG-GTL Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU1BUB3WG-GTR ROHM-BU1BUB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU1BUC3WG-TL ROHM-BU1BUC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU1BUC3WG-TR ROHM-BU1BUC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

Similar Description - BU1BUA3WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com