Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6C-AU2W1B Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # R6C-AU2W1B
Description  Technical Data Sheet Top View LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

R6C-AU2W1B Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  R6C-AU2W1B Datasheet HTML 1Page - Everlight Electronics Co., Ltd R6C-AU2W1B Datasheet HTML 2Page - Everlight Electronics Co., Ltd R6C-AU2W1B Datasheet HTML 3Page - Everlight Electronics Co., Ltd R6C-AU2W1B Datasheet HTML 4Page - Everlight Electronics Co., Ltd R6C-AU2W1B Datasheet HTML 5Page - Everlight Electronics Co., Ltd R6C-AU2W1B Datasheet HTML 6Page - Everlight Electronics Co., Ltd R6C-AU2W1B Datasheet HTML 7Page - Everlight Electronics Co., Ltd R6C-AU2W1B Datasheet HTML 8Page - Everlight Electronics Co., Ltd R6C-AU2W1B Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical Data Sheet
Top View LEDs
67-21B/R6C-AU2W1B/ET
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 2 of 10
Device No. : DSE-0001226
Prepared date:23-Sep-2009
Prepared by: Rita Shen
Package Dimensions
-
+
Polarity
For reflow soldering (propose)
L
C
2.9±0.2
Notes: 1.All dimensions are in millimeters
2.Tolerances Unless Dimension = ±0.1mm


Similar Part No. - R6C-AU2W1B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
R6C-AL1M2VY EVERLIGHT-R6C-AL1M2VY Datasheet
150Kb / 10P
   Chip LED (0.4mm Height)
R6C-AM2P1VY EVERLIGHT-R6C-AM2P1VY Datasheet
222Kb / 10P
   Chip LED(0.6mm Height)
R6C-AN2Q1B EVERLIGHT-R6C-AN2Q1B Datasheet
219Kb / 10P
   Chip LED (1.1mm Height)
R6C-AR1S1B EVERLIGHT-R6C-AR1S1B Datasheet
215Kb / 10P
   Chip LED with Right Angle Lens
More results

Similar Description - R6C-AU2W1B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
GBC-YV2W2N EVERLIGHT-GBC-YV2W2N Datasheet
269Kb / 10P
   Technical Data Sheet Top View LEDs
Y2C-AP2R2L EVERLIGHT-Y2C-AP2R2L Datasheet
242Kb / 10P
   Technical Data Sheet Top View LEDs
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
67-21R6C-AP2R1B2A0 EVERLIGHT-67-21R6C-AP2R1B2A0 Datasheet
204Kb / 10P
   Technical Data Sheet Reverse Top View LEDs
B7C-AS2U1N EVERLIGHT-B7C-AS2U1N_13 Datasheet
284Kb / 10P
   Technical Data Sheet Reverse Package Top View LEDs
67-31H EVERLIGHT-67-31H Datasheet
250Kb / 11P
   Technical Data Sheet Power Top View LEDs With Lens
67-21UBC-B040-TR8-AM EVERLIGHT-67-21UBC-B040-TR8-AM Datasheet
211Kb / 10P
   Technical Data Sheet -Top View LED
67-31B-GHC-YX2Y2MZ3-2T EVERLIGHT-67-31B-GHC-YX2Y2MZ3-2T Datasheet
131Kb / 10P
   Technical Data Sheet Power Top View LED
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
   Technical Data Sheet (Preliminary) Power Top View LED
57-21SUBC-B015-TR8 EVERLIGHT-57-21SUBC-B015-TR8 Datasheet
249Kb / 9P
   Technical Data Sheet(Preminary) Side View SMD LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com