Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLA541-01R Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # VLA541-01R
Description  Hybrid IC for driving IGBT modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

VLA541-01R Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  VLA541-01R Datasheet HTML 1Page - Isahaya Electronics Corporation VLA541-01R Datasheet HTML 2Page - Isahaya Electronics Corporation VLA541-01R Datasheet HTML 3Page - Isahaya Electronics Corporation VLA541-01R Datasheet HTML 4Page - Isahaya Electronics Corporation VLA541-01R Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HYBRID IC
VLA541-01R
Hybrid IC for driving IGBT modules
2
MAXIMUM RATINGS (unless otherwise noted, Ta=25°C)
Symbol
Parameter
Conditions
Ratings
Unit
VCC
Supply voltage
DC
18
V
VEE
-15
V
VI
Input signal voltage
Applied between; 13pin and 14pin
50% duty cycle, pulse width 1ms
-1 ~ +7
V
VO
Output voltage
When the output voltage is “H”
VCC
V
IOHP
Output peak current
Pulse width 2us
-3
A
IOLP
3
A
Viso
Isolation voltage
Sine wave voltage 60Hz, for 1minute
2500
Vrms
TC
Case temperature
-
85
°C
Topr
Operating temperature
No condensation allowable
-20 ~ +60
°C
Tstg
Storage temperature
No condensation allowable
-25 ~ +100 (*1)
°C
IFO
Fault output current
Applied 8pin
20
mA
VR1
Input voltage at 1pin
Applied 1pin
50
V
(*1) Differs from H/C condition
ELECTRICAL CHARACTERISTICS (unless otherwise noted, Ta=25°C, VCC = 15V, VEE = -10V, RG = 10 ohm)
Symbol
Parameter
Conditions
Limits
Unit
Min
Typ
Max
VCC
Supply voltage
Recommended range
14
15
17
V
VEE
-7
-10
-12
V
VIN
Pull-up voltage on primary side
Recommended range
4.75
5
5.25
V
IIH
“H” input signal current
Recommended range
10
13
16
mA
f
Switching frequency
Recommended range
-
-
20
kHz
RG
Gate resistance
Recommended range
3
-
-
ohm
IIH
“H” input signal current
VIN = 5V
-
13
-
mA
VOH
“H” output voltage
-
13
14
-
V
VOL
“L” output voltage
-
-8
-9
-
V
tPLH
“L-H” propagation time
IIH=13mA
-
-
1
µs
tr
“L-H” rise time
IIH=13mA
-
-
1
µs
tPHL
“H-L” propagation time
IIH=13mA
-
-
1.3
µs
tf
“H-L” fall time
IIH=13mA
-
-
1
µs
ttimer
Timer
Between start and cancel
(under input signal “OFF”)
1
-
2
ms
IFO
Fault output current
Applied 8pin, R = 4.7k ohm
-
5
-
mA
ttrip1
Controlled time detect short circuit 1
Pin1: 15V and more, Pin2:open
-
2.6
-
µs
ttrip2
Controlled time detect short circuit 2
(*2)
Pin1: 15V and more, Pin2-4:10pF
(connective capacitance)
-
3
-
µs
VSC
SC detect voltage
Collector voltage of IGBT module
15
-
-
V
(*2) Length of wiring of capacitor controlled time detect short-circuit is within 5cm from pin2 and pin4 coming and going.
DEFINITION OF CHARACTERISTICS
(1) SWITCHING OPERATION
(2) SHORT CIRCUIT PROTECTION
tPLH
tPHL
90%
50%
10%
tr
tf
Input signal VI
Output VO
Input signal VI 0V
0V
0V
Output VO
8pin output
ttrip1,2
-5V
10V
10V
ttimer
TENTATIVE


Similar Part No. - VLA541-01R

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
VLA541-01R POWEREX-VLA541-01R Datasheet
651Kb / 5P
   BG2B ??Universal Gate Drive Prototype Board
More results

Similar Description - VLA541-01R

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
M57174BL-06B ISAHAYA-M57174BL-06B Datasheet
318Kb / 7P
   HYBRID IC FOR DRIVING IGBT MODULES
M57962CL-01 ISAHAYA-M57962CL-01 Datasheet
354Kb / 7P
   HYBRID IC FOR DRIVING IGBT MODULES
M57161L-01 ISAHAYA-M57161L-01 Datasheet
503Kb / 10P
   HYBRID IC FOR DRIVING IGBT MODULES
NPEM57959AL ISAHAYA-NPEM57959AL Datasheet
302Kb / 7P
   Hybrid IC for driving IGBT modules
M57962AL-01R ISAHAYA-M57962AL-01R Datasheet
303Kb / 7P
   Hybrid IC for driving IGBT modules
VLA106-15154A ISAHAYA-VLA106-15154A Datasheet
586Kb / 5P
   Hybrid IC for driving IGBT modules
logo
Mitsubishi Electric Sem...
M57959L MITSUBISHI-M57959L Datasheet
24Kb / 2P
   HYBRID IC FOR DRIVING IGBT MODULES
M57962L MITSUBISHI-M57962L Datasheet
24Kb / 2P
   HYBRID IC FOR DRIVING IGBT MODULES
logo
Isahaya Electronics Cor...
M57962CL-01R ISAHAYA-M57962CL-01R Datasheet
355Kb / 7P
   Hybrid IC for driving IGBT modules
NPEM57159L ISAHAYA-NPEM57159L Datasheet
313Kb / 7P
   Hybrid IC for driving IGBT modules
VLA106-15252 ISAHAYA-VLA106-15252 Datasheet
160Kb / 6P
   Hybrid IC for driving IGBT modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com