Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU18SA4WGWL-E2 Datasheet(PDF) 9 Page - Rohm

Part # BU18SA4WGWL-E2
Description  1ch 200mA CMOS LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU18SA4WGWL-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BU18SA4WGWL-E2 Datasheet HTML 5Page - Rohm BU18SA4WGWL-E2 Datasheet HTML 6Page - Rohm BU18SA4WGWL-E2 Datasheet HTML 7Page - Rohm BU18SA4WGWL-E2 Datasheet HTML 8Page - Rohm BU18SA4WGWL-E2 Datasheet HTML 9Page - Rohm BU18SA4WGWL-E2 Datasheet HTML 10Page - Rohm BU18SA4WGWL-E2 Datasheet HTML 11Page - Rohm BU18SA4WGWL-E2 Datasheet HTML 12Page - Rohm BU18SA4WGWL-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Datasheet
Datasheet
9/34
TSZ02201-0RBR0A300100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.04.04 Rev.001
www.rohm.com
TSZ22111・15・001
BUxxSA4 series
●Reference data BU18SA4WGWL (Unless otherwise specified, Ta=25℃,Cin = Cout =1
μF.)
Figure 20. Discharge time ( Rout = none )
Figure 21. Discharge time ( Rout = 9 ohm )
Figure 19. Startup time ( Rout = 9 ohm )
Figure 18. Startup time ( Rout = none )
0.0
2.0
1.0
0.0
2.0
1.0
STBY=0V→1.5V
VOUT
Cout=0.47uF
Cout=1uF
Cout=2.2uF
1V/div
1V/div
VIN=2.8V
20us/div
STBY=0V→1.5V
Cout=0.47uF
Cout=1uF
Cout=2.2uF
0.0
2.0
1.0
0.0
2.0
1.0
1V/div
1V/div
VIN=2.8V
20us/div
STBY=1.5V→0V
VOUT
Cout=0.47uF
Cout=1uF
Cout=2.2uF
0.0
2.0
1.0
1V/div
1V/div
VIN=2.8V
400ms/div
0.0
2.0
1.0
3.0
STBY=1.5V→0V
VOUT
Cout=0.47uF
Cout=1uF
Cout=2.2uF
0.0
2.0
1.0
0.0
2.0
1.0
1V/div
1V/div
VIN=2.8V
20us/div


Similar Part No. - BU18SA4WGWL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18SD2MG-MTR ROHM-BU18SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SD5 ROHM-BU18SD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BU18SD5WG-TL ROHM-BU18SD5WG-TL Datasheet
944Kb / 21P
   CMOS LDO Regulators
BU18SD5WG-TL ROHM-BU18SD5WG-TL Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results

Similar Description - BU18SA4WGWL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com