Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU25SA4WGWL-E2 Datasheet(PDF) 11 Page - Rohm

Part # BU25SA4WGWL-E2
Description  1ch 200mA CMOS LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU25SA4WGWL-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BU25SA4WGWL-E2 Datasheet HTML 7Page - Rohm BU25SA4WGWL-E2 Datasheet HTML 8Page - Rohm BU25SA4WGWL-E2 Datasheet HTML 9Page - Rohm BU25SA4WGWL-E2 Datasheet HTML 10Page - Rohm BU25SA4WGWL-E2 Datasheet HTML 11Page - Rohm BU25SA4WGWL-E2 Datasheet HTML 12Page - Rohm BU25SA4WGWL-E2 Datasheet HTML 13Page - Rohm BU25SA4WGWL-E2 Datasheet HTML 14Page - Rohm BU25SA4WGWL-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Datasheet
Datasheet
11/34
TSZ02201-0RBR0A300100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.04.04 Rev.001
www.rohm.com
TSZ22111・15・001
BUxxSA4 series
●Reference data BU28SA4WGWL (Unless otherwise specified, Ta=25℃.)
Figure 26. Output Voltage vs. Input Voltage
Figure 27. Line Regulation
Figure 28. GND Current vs. Input Voltage
Figure 29. Load Regulation
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
00.5
11.52
2.53
3.544.5
55.5
Input Voltage (V)
Temp=25°C
IO=0uA
IO=50mA
IO=200mA
VIN=STBY
2.70
2.73
2.75
2.78
2.80
2.83
2.85
2.88
2.90
00.511.52 2.5 33.544.55 5.5
Input Voltage (V)
Temp=25°C
IO=0uA
IO=50mA
IO=200mA
VIN=STBY
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IO=0uA
VIN=STBY
Temp=-40°C
Temp=25°C
Temp=85°C
2.70
2.74
2.78
2.82
2.86
2.90
0
50
100
150
200
Output Current (mA)
VIN=3.8V
STBY=1.5V
Temp=-40°C
Temp=25°C
Temp=85°C


Similar Part No. - BU25SA4WGWL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU25SD2MG-MTR ROHM-BU25SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
More results

Similar Description - BU25SA4WGWL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com