Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF917T1 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MRF917T1
Description  LOW NOISE HIGH FREQUENCY TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF917T1 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MRF917T1 Datasheet HTML 4Page - Motorola, Inc MRF917T1 Datasheet HTML 5Page - Motorola, Inc MRF917T1 Datasheet HTML 6Page - Motorola, Inc MRF917T1 Datasheet HTML 7Page - Motorola, Inc MRF917T1 Datasheet HTML 8Page - Motorola, Inc MRF917T1 Datasheet HTML 9Page - Motorola, Inc MRF917T1 Datasheet HTML 10Page - Motorola, Inc MRF917T1 Datasheet HTML 11Page - Motorola, Inc MRF917T1 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
MRF917T1
MOTOROLA RF DEVICE DATA
VCE
(Volts)
IC
(mA)
f
(GHz)
S11
S21
S12
S22
VCE
(Volts)
IC
(mA)
f
(GHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
3.0
40
0.10
0.331
– 127
26.91
116
0.020
67
0.480
– 49
0.20
0.338
– 154
14.86
100
0.033
70
0.297
– 52
0.30
0.342
– 164
10.16
93
0.046
72
0.239
– 51
0.40
0.347
– 171
7.70
88
0.060
73
0.210
– 50
0.50
0.347
– 175
6.22
84
0.074
73
0.196
– 50
0.60
0.344
177
5.21
80
0.087
73
0.176
– 44
0.70
0.346
174
4.49
77
0.100
72
0.171
– 45
0.80
0.352
170
3.96
74
0.114
71
0.164
– 47
0.90
0.352
167
3.54
71
0.127
70
0.161
– 47
1.00
0.356
164
3.21
68
0.140
69
0.157
– 50
1.50
0.377
151
2.23
55
0.202
63
0.145
– 62
2.00
0.400
138
1.75
43
0.261
57
0.142
– 80
2.50
0.426
126
1.47
33
0.317
50
0.139
– 100
3.00
0.448
115
1.29
23
0.369
44
0.141
– 117
4.00
0.504
96
1.06
7
0.465
32
0.166
– 156
6.0
3.0
0.10
0.829
– 34
9.23
154
0.033
71
0.936
– 14
0.20
0.720
– 63
7.67
134
0.056
59
0.823
– 23
0.30
0.627
– 85
6.30
120
0.069
52
0.730
– 28
0.40
0.557
– 102
5.21
109
0.078
49
0.664
– 31
0.50
0.509
– 115
4.44
101
0.085
47
0.619
– 32
0.60
0.456
– 127
3.77
94
0.091
47
0.581
– 32
0.70
0.434
– 137
3.32
88
0.096
47
0.561
– 33
0.80
0.425
– 145
2.93
83
0.102
48
0.547
– 34
0.90
0.408
– 153
2.67
79
0.108
49
0.534
– 35
1.00
0.402
– 160
2.44
75
0.114
50
0.524
– 37
1.50
0.396
174
1.72
57
0.148
54
0.501
– 46
2.00
0.411
155
1.36
43
0.189
56
0.494
– 58
2.50
0.435
137
1.14
31
0.237
56
0.485
– 71
3.00
0.463
123
0.99
21
0.294
54
0.482
– 84
4.00
0.525
99
0.79
7
0.424
45
0.473
– 117
5.0
0.10
0.736
– 43
13.73
148
0.030
69
0.888
– 20
0.20
0.602
– 75
10.55
126
0.048
58
0.727
– 29
0.30
0.512
– 98
8.19
113
0.059
54
0.620
– 33
0.40
0.454
– 114
6.56
103
0.068
53
0.553
– 35
0.50
0.418
– 127
5.47
96
0.076
53
0.512
– 35
0.60
0.377
– 138
4.61
90
0.083
54
0.479
– 34
0.70
0.363
– 147
4.03
85
0.091
55
0.461
– 34
0.80
0.359
– 155
3.55
81
0.099
56
0.448
– 35
0.90
0.348
– 162
3.21
77
0.107
57
0.438
– 36
1.00
0.346
– 168
2.92
73
0.116
57
0.430
– 37
1.50
0.351
169
2.04
57
0.160
58
0.409
– 46
2.00
0.370
152
1.60
44
0.206
57
0.401
– 57
2.50
0.398
136
1.30
32
0.255
54
0.392
– 69
3.00
0.425
123
1.17
22
0.307
51
0.389
– 82
4.00
0.496
100
0.93
6
0.421
42
0.385
– 113
10
0.100
0.547
– 62
21.95
136
0.025
66
0.768
– 29
0.200
0.417
– 99
14.53
115
0.038
60
0.558
– 37
0.300
0.362
– 120
10.49
103
0.048
61
0.460
– 38
0.400
0.334
– 135
8.13
96
0.058
63
0.408
– 38
0.500
0.319
– 145
6.64
90
0.069
64
0.379
– 38
0.600
0.294
– 156
5.56
86
0.079
65
0.354
– 34
0.700
0.291
– 163
4.82
82
0.089
65
0.343
– 34
0.800
0.293
– 169
4.25
78
0.100
65
0.333
– 35
0.900
0.290
– 174
3.81
75
0.110
65
0.327
– 36
1.000
0.292
– 179
3.46
72
0.121
65
0.321
– 37
1.500
0.307
162
2.40
58
0.174
62
0.304
– 45
2.000
0.330
147
1.87
45
0.225
58
0.296
– 56
2.500
0.359
133
1.57
34
0.275
53
0.285
– 68
3.000
0.387
122
1.36
24
0.324
49
0.280
– 80
4.000
0.461
101
1.10
7
0.424
38
0.275
– 112
Table 2. MRF917T1 Common Emitter S–Parameters (continued)


Similar Part No. - MRF917T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
logo
Freescale Semiconductor...
MRF9100LR3 FREESCALE-MRF9100LR3 Datasheet
366Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9100LSR3 FREESCALE-MRF9100LSR3 Datasheet
366Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9100R3 MOTOROLA-MRF9100R3 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9100SR3 MOTOROLA-MRF9100SR3 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
More results

Similar Description - MRF917T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF927T1 MOTOROLA-MRF927T1 Datasheet
165Kb / 12P
   LOW NOISE HIGH FREQUENCY TRANSISTOR
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Leshan Radio Company
L2SC5635LT1G LRC-L2SC5635LT1G Datasheet
1Mb / 3P
   High-Frequency Amplifier Transistor High gain,low noise
logo
NTE Electronics
NTE2662 NTE-NTE2662 Datasheet
78Kb / 2P
   Silicon NPN Transistor High Frequency, Low Noise RF
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifier
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
   High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com