Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJD156050NJ Datasheet(PDF) 3 Page - AVX Corporation

Part # TAJD156050NJ
Description  TAJ Series Standard Tantalum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJD156050NJ Datasheet(HTML) 3 Page - AVX Corporation

  TAJD156050NJ Datasheet HTML 1Page - AVX Corporation TAJD156050NJ Datasheet HTML 2Page - AVX Corporation TAJD156050NJ Datasheet HTML 3Page - AVX Corporation TAJD156050NJ Datasheet HTML 4Page - AVX Corporation TAJD156050NJ Datasheet HTML 5Page - AVX Corporation TAJD156050NJ Datasheet HTML 6Page - AVX Corporation TAJD156050NJ Datasheet HTML 7Page - AVX Corporation TAJD156050NJ Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
For AEC-Q200 availability, please contact AVX.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 126.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
2.5 Volt @ 85ºC (1.7 Volt @ 125ºC)
TAJA336*002#NJ
A
33
2.5
0.8
8
1.7
1
TAJA476*002#NJ
A
47
2.5
0.9
6
3
1
TAJA686*002#NJ
A
68
2.5
1.4
8
1.5
1
TAJA107*002#NJ
A
100
2.5
2.5
30
1.4
1
TAJB107*002#NJ
B
100
2.5
2.5
8
1.4
1
TAJB157*002#NJ
B
150
2.5
3
10
1.6
1
TAJB227*002#NJ
B
220
2.5
4.4
16
1.6
1
TAJD227*002#NJ
D
220
2.5
5.5
8
0.3
1
TAJD337*002#NJ
D
330
2.5
8.2
8
0.3
1
TAJC477*002#NJ
C
470
2.5
9.4
12
0.2
1
TAJD477*002#NJ
D
470
2.5
11.6
8
0.2
1
TAJC687*002#NJ
C
680
2.5
17.0
18
0.2
1
TAJD687*002#NJ
D
680
2.5
17
16
0.2
1
TAJE687*002#NJ
E
680
2.5
17
10
0.2
1
1)
TAJD108M002#NJ
D
1000
2.5
25
20
0.2
1
TAJE108*002#NJ
E
1000
2.5
20
14
0.4
1
1)
TAJD158*002#NJ
D
1500
2.5
37.5
60
0.2
1
TAJE158*002#NJ
E
1500
2.5
37
20
0.2
1
1)
TAJV158M002#NJ
V
1500
2.5
30
20
0.2
1
1)
TAJV228M002#NJ
V
2200
2.5
55
50
0.2
1
1)
4 Volt @ 85ºC (2.7 Volt @ 125ºC)
TAJA336*004#NJ
A
33
4
1.3
6
3
1
TAJA476*004#NJ
A
47
4
1.9
8
2.6
1
TAJA686*004#NJ
A
68
4
2.7
10
1.5
1
TAJB686*004#NJ
B
68
4
2.7
6
1.8
1
TAJA107*004#NJ
A
100
4
4
30
1.4
1
TAJB107*004#NJ
B
100
4
4
8
0.9
1
TAJB157*004#NJ
B
150
4
6
10
1.5
1
TAJC157*004#NJ
C
150
4
6
6
0.3
1
TAJB227M004#NJ
B
220
4
8.8
12
1.1
1
TAJC227*004#NJ
C
220
4
8.8
8
1.2
1
TAJD227*004#NJ
D
220
4
8.8
8
0.9
1
TAJC337*004#NJ
C
330
4
13.2
8
0.3
1
TAJD337*004#NJ
D
330
4
13.2
8
0.9
1
TAJC477*004#NJ
C
470
4
18.8
14
0.3
1
TAJD477*004#NJ
D
470
4
18.8
12
0.9
1
TAJE477*004#NJ
E
470
4
18.8
10
0.5
1
1)
TAJD687*004#NJ
D
680
4
27.2
14
0.5
1
TAJE687*004#NJ
E
680
4
27.2
14
0.9
1
1)
TAJD108*004#NJ
D
1000
4
40
60
0.2
1
TAJE108*004#NJ
E
1000
4
40
14
0.4
1
1)
TAJV108*004#NJ
V
1000
4
40
16
0.2
1
1)
TAJE158*004#NJ
E
1500
4
60
30
0.2
1
1)
TAJV158M004#NJ
V
1500
4
60
30
0.2
1
1)
6.3 Volt @ 85ºC (4 Volt @ 125ºC)
TAJA106*006#NJ
A
10
6.3
0.6
6
4
1
TAJA156*006#NJ
A
15
6.3
0.9
6
3.5
1
TAJA226*006#NJ
A
22
6.3
1.4
6
3
1
TAJA336*006#NJ
A
33
6.3
2.1
8
2.2
1
TAJA476*006#NJ
A
47
6.3
2.8
10
1.6
1
TAJB476*006#NJ
B
47
6.3
3
6
2
1
TAJC476*006#NJ
C
47
6.3
3
6
1.6
1
TAJB686*006#NJ
B
68
6.3
4
8
0.9
1
TAJC686*006#NJ
C
68
6.3
4.3
6
1.5
1
TAJB107*006#NJ
B
100
6.3
6.3
10
1.7
1
TAJC107*006#NJ
C
100
6.3
6.3
6
0.9
1
TAJB157M006#NJ
B
150
6.3
9.5
10
1.2
1
TAJC157*006#NJ
C
150
6.3
9.5
6
1.3
1
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJD157*006#NJ
D
150
6.3
9.5
6
0.9
1
TAJC227*006#NJ
C
220
6.3
13.9
8
1.2
1
TAJD227*006#NJ
D
220
6.3
13.9
8
0.4
1
TAJE227*006#NJ
E
220
6.3
13.9
8
0.4
1
1)
TAJC337*006#NJ
C
330
6.3
19.8
12
0.5
1
TAJD337*006#NJ
D
330
6.3
20.8
8
0.4
1
TAJE337*006#NJ
E
330
6.3
20.8
8
0.4
1
1)
TAJD477*006#NJ
D
470
6.3
28
12
0.4
1
TAJE477*006#NJ
E
470
6.3
28
10
0.4
1
1)
TAJV477*006#NJ
V
470
6.3
28
10
0.4
1
1)
TAJE687*006#NJ
E
680
6.3
42.8
10
0.5
1
1)
TAJV687*006#NJ
V
680
6.3
42.8
10
0.5
1
1)
TAJE108M006#NJ
E
1000
6.3
60
20
0.2
1
1)
TAJV108M006#NJ
V
1000
6.3
60
16
0.2
1
1)
10 Volt @ 85ºC (7 Volt @ 125ºC)
TAJA475*010#NJ
A
4.7
10
0.5
6
5
1
TAJA685*010#NJ
A
6.8
10
0.7
6
4
1
TAJA106*010#NJ
A
10
10
1
6
3
1
TAJA156*010#NJ
A
15
10
1.5
6
3.2
1
TAJB156*010#NJ
B
15
10
1.5
6
2.8
1
TAJA226*010#NJ
A
22
10
2.2
8
3
1
TAJB226*010#NJ
B
22
10
2.2
6
2.4
1
TAJA336*010#NJ
A
33
10
3.3
8
1.7
1
TAJB336*010#NJ
B
33
10
3.3
6
1.8
1
TAJC336*010#NJ
C
33
10
3.3
6
1.6
1
TAJB476*010#NJ
B
47
10
4.7
8
1
1
TAJC476*010#NJ
C
47
10
4.7
6
1.2
1
TAJB686*010#NJ
B
68
10
6.8
6
1.4
1
TAJC686*010#NJ
C
68
10
6.8
6
1.3
1
TAJB107M010#NJ
B
100
10
10
8
1.4
1
TAJC107*010#NJ
C
100
10
10
8
1.2
1
TAJD107*010#NJ
D
100
10
10
6
0.9
1
TAJC157*010#NJ
C
150
10
15
8
0.9
1
TAJD157*010#NJ
D
150
10
15
8
0.9
1
TAJE157*010#NJ
E
150
10
15
8
0.9
1
1)
TAJC227*010#NJ
C
220
10
22
18
0.5
1
TAJD227*010#NJ
D
220
10
22
8
0.5
1
TAJE227*010#NJ
E
220
10
22
8
0.5
1
1)
TAJD337*010#NJ
D
330
10
33
8
0.9
1
TAJE337*010#NJ
E
330
10
33
8
0.9
1
1)
TAJV337*010#NJ
V
330
10
33
10
0.9
1
1)
TAJE477*010#NJ
E
470
10
47
10
0.5
1
1)
TAJV477*010#NJ
V
470
10
47
10
0.5
1
1)
16 Volt @ 85ºC (10 Volt @ 125ºC)
TAJA225*016#NJ
A
2.2
16
0.5
6
6.5
1
TAJA335*016#NJ
A
3.3
16
0.5
6
5
1
TAJB335*016#NJ
B
3.3
16
0.5
6
4.5
1
TAJA475*016#NJ
A
4.7
16
0.8
6
4
1
TAJB475*016#NJ
B
4.7
16
0.8
6
3.5
1
TAJA685*016#NJ
A
6.8
16
1.1
6
3.5
1
TAJB685*016#NJ
B
6.8
16
1.1
6
2.5
1
TAJA106*016#NJ
A
10
16
1.6
6
3
1
TAJB106*016#NJ
B
10
16
1.6
6
2.8
1
TAJC106*016#NJ
C
10
16
1.6
6
2
1
TAJA156M016#NJ
A
15
16
2.4
6
2
1
TAJB156*016#NJ
B
15
16
2.4
6
2.5
1
TAJC156*016#NJ
C
15
16
2.4
6
1.8
1
TAJB226*016#NJ
B
22
16
3.5
6
2.3
1
TAJC226*016#NJ
C
22
16
3.5
6
1
1
8


Similar Part No. - TAJD156050NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJD156050NJ AVX-TAJD156050NJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJD156050NJ AVX-TAJD156050NJ Datasheet
117Kb / 5P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJD156050NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJA475K025RNJ AVX-TAJA475K025RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJD106K050RNJ AVX-TAJD106K050RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJE227K016RNJ AVX-TAJE227K016RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJA105K016RNJ AVX-TAJA105K016RNJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJA106K016RNJ AVX-TAJA106K016RNJ Datasheet
143Kb / 8P
   TAJ Series Standard Tantalum
TAJA476K006RNJ AVX-TAJA476K006RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJC107M006RNJ AVX-TAJC107M006RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJC107M010RNJ AVX-TAJC107M010RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJB227M004RNJ AVX-TAJB227M004RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com