Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9795AFV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BU9795AFV-E2
Description  For 128-140 Segment type LCD LCD Segment Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9795AFV-E2 Datasheet(HTML) 2 Page - Rohm

  BU9795AFV-E2 Datasheet HTML 1Page - Rohm BU9795AFV-E2 Datasheet HTML 2Page - Rohm BU9795AFV-E2 Datasheet HTML 3Page - Rohm BU9795AFV-E2 Datasheet HTML 4Page - Rohm BU9795AFV-E2 Datasheet HTML 5Page - Rohm BU9795AFV-E2 Datasheet HTML 6Page - Rohm BU9795AFV-E2 Datasheet HTML 7Page - Rohm BU9795AFV-E2 Datasheet HTML 8Page - Rohm BU9795AFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/23
Electrical Characteristics (BU9728AKV)
DC Characteristics (VDD=2.5~5.5V, VSS=0V, Ta=25degree, unless otherwise specified)
Parameter
Symbo
l
Limit
Uni
t
Condition
Terminal
Min.
Typ.
Max.
“H” level input voltage
VIH1
0.8×VDD
-
VDD
V
VO=0.9×VDD
or 0.1×VDD
SC1, SD, SCK,
C
_____
/
____
D
_____
, C S
__________
, RESET
_______________________
“L” level input voltage
VIL1
0
-
0.2×VDD
V
VO=0.1×VDD
or 0.9×VDD
LCD Driver on resistance
RON
-
-
30
kΩ
|△VON|=0.1V
SEG0~31, COM0~3
“L” level Input current1
IIL1
-
-
100
μA
VIN=0
RESET
_______________________
“L” level Input current2
IIL2
-
-
2
μA
VIN=0
OSC1, SD, SCK,
C
_____
/
____
D
_____
, C S
__________
“H” level Input current
IIH
-2
-
-
μA
VIN=VDD
OSC1, SD, SCK,
C
_____
/
____
D
_____
, C S
__________
, RESET
_______________________
Input capacitance
CI
-
5
-
pF
SD, SCK, C
_____
/
____
D
_____
, C S
__________
Power consumption
IDD
-
0.05
1
μA
*2 Display OFF
VDD
-
40
80
μA
*3 Display ON
-
100
250
μA
*4 MPU Access
*1: LCD Driver on resistance is not included internal power supply impedance
*2: V3=0V, All input terminal are connected to VDD or VSS.
*3: V3=0V, Rf=470kΩ, except of OSC1 terminals are connected to VDD or VSS.
*4: V3=0V, Rf=470kΩ, fSCK=200kHz
AC Characteristics (VDD=2.5~5.5V, VSS=0V, Ta=25degree, unless otherwise specified)
Parameter
Symbo
l
Limit
Unit
Condition
Min.
Typ.
Max.
SCK rise time
tTLH
-
-
100
ns
SCK fall time
tTHL
-
-
100
ns
SCK cycle time
tCYC
800
-
-
ns
Wait time for command
tWAIT
800
-
-
ns
SCK pulse width ”H”
tWH1
300
-
-
ns
SCK pulse width ”L”
tWL1
300
-
-
ns
SD setup time
tSU1
100
-
-
ns
SD hold time
tH1
100
-
-
ns
CS pulse width ”H”
tWH2
300
-
-
ns
CS pulse width ”L”
tWL2
6400
-
-
ns
CS setup time
tSU2
100
-
-
ns
CS hold time
tH2
100
-
-
ns
C/D setup time
tSU3
100
-
-
ns
C/D hold time
tH3
100
-
-
ns
Based on SCK 8
th clock rising
C/D – CS time *5
tCCH
100
-
-
ns
Based on C S
__________
rising
C/D – SCK time *5
tSCH
100
-
-
ns
Based o SCK 8
th clock falling
*5: Should satisfy either one condition


Similar Part No. - BU9795AFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9795AFV-E2 ROHM-BU9795AFV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
More results

Similar Description - BU9795AFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9794KV ROHM-BU9794KV Datasheet
702Kb / 23P
   For 200 Segment type LCD LCD Segment Driver
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
Rohm
BU9729K ROHM-BU9729K Datasheet
146Kb / 12P
   Segment-type LCD driver
logo
Hitachi Semiconductor
HD61602 HITACHI-HD61602 Datasheet
1Mb / 37P
   SEGMENT TYPE LCD DRIVER
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
LDT Co., Ltd
LD3003 LDT-LD3003 Datasheet
519Kb / 16P
   128 Segment LCD Controller and Driver
logo
Rohm
BU9728AKV ROHM-BU9728AKV Datasheet
103Kb / 10P
   LCD driver for segment-type LCDs
logo
SHANGHAI BELLING CO., L...
BL55072A BELLING-BL55072A Datasheet
694Kb / 12P
   LCD Segment Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com