Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSB1116A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KSB1116A
Description  Audio Frequency Power Amplifier & Medium Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB1116A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KSB1116A Datasheet HTML 1Page - Fairchild Semiconductor KSB1116A Datasheet HTML 2Page - Fairchild Semiconductor KSB1116A Datasheet HTML 3Page - Fairchild Semiconductor KSB1116A Datasheet HTML 4Page - Fairchild Semiconductor KSB1116A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, January 2002
Typical Characteristics (Continued)
Figure 7. Current Gain Bandwidth Product
Figure 8. Safe Operating Area
Figure 9. Power Derating
-0.01
-0.1
-1
-10
1
10
100
1000
VCE = -2V
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-0.01
-0.1
-1
-10
10m
s
PW
=1m
s
200ms
DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Ta[
o
C], AMBIENT TEMPERATURE


Similar Part No. - KSB1116A

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
KSB1116A FOSHAN-KSB1116A Datasheet
911Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Fairchild Semiconductor
KSB1116AYTA FAIRCHILD-KSB1116AYTA Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
More results

Similar Description - KSB1116A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
KSD1616 FAIRCHILD-KSD1616 Datasheet
54Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
KSB1116AYTA FAIRCHILD-KSB1116AYTA Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
List of Unclassifed Man...
2SB1116A ETC-2SB1116A Datasheet
143Kb / 3P
   AUDIO FREQUENCY POWER AMPLIFIER MEDIUM SPEED SWITCHING
logo
Fairchild Semiconductor
KSD1616AGBU FAIRCHILD-KSD1616AGBU Datasheet
248Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
KSD1616AGTA FAIRCHILD-KSD1616AGTA Datasheet
248Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
NEC
2SC2654 NEC-2SC2654 Datasheet
274Kb / 4P
   Audio Frequency Power Amplifier, Medium Speed Switching
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
   Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com