Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU38UA3WNVX-TL Datasheet(PDF) 7 Page - Rohm

Part # BU38UA3WNVX-TL
Description  Versatile Package FULL CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU38UA3WNVX-TL Datasheet(HTML) 7 Page - Rohm

Back Button BU38UA3WNVX-TL Datasheet HTML 3Page - Rohm BU38UA3WNVX-TL Datasheet HTML 4Page - Rohm BU38UA3WNVX-TL Datasheet HTML 5Page - Rohm BU38UA3WNVX-TL Datasheet HTML 6Page - Rohm BU38UA3WNVX-TL Datasheet HTML 7Page - Rohm BU38UA3WNVX-TL Datasheet HTML 8Page - Rohm BU38UA3WNVX-TL Datasheet HTML 9Page - Rohm BU38UA3WNVX-TL Datasheet HTML 10Page - Rohm BU38UA3WNVX-TL Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300040-1-2
TSZ22111・15・001
7/11
21.MAR.2013.Rev.003
BUxxUA3WNVX series
Datasheet
Reference data
BU18UA3WNVX (Ta=25ºC unless otherwise specified.)
Vout=1.8V
0mA
50mA
IOUT
VOUT
Trise=Tfall=1us
10µs/div
LOAD TRANSIENT RESPONSE
Vout=1.8V
0mA
300mA
IOUT
VOUT
Trise=Tfall=1us
10µs/div
LOAD TRANSIENT RESPONSE
Fig. 16
Fig. 15
Fig. 17
2.3V
2.9V
VIN
VOUT
Slew Rate = 0.5V/µs
Vout=1.8V
Iout=300mA
1ms/div
LINE TRANSIENT RESPONSE
2.3V
2.9V
VIN
VOUT
Slew Rate = 0.5V/µs
Vout=1.8V
Iout=1mA
1ms/div
LINE TRANSIENT RESPONSE
2.1V
3.6V
VIN
VOUT
Slew Rate = 0.5V/µs
Vout=1.8V
Iout=300mA
1ms/div
LINE TRANSIENT RESPONSE
VIN
VOUT
Vout=1.8V
Iout=1mA
200ms/div
VIN RAMP UP, RAMP DOWN RESPONSE
Fig. 20
Fig. 19
Fig. 18


Similar Part No. - BU38UA3WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU38UC3WG-TL ROHM-BU38UC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU38UC3WG-TR ROHM-BU38UC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

Similar Description - BU38UA3WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com