Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZT71MG Datasheet(PDF) 8 Page - Arizona Microtek, Inc

Part # AZT71MG
Description  Programmable Capacitive Tuning IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZT71MG Datasheet(HTML) 8 Page - Arizona Microtek, Inc

Back Button AZT71MG Datasheet HTML 4Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 5Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 6Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 7Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 8Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 9Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 10Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 11Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 12Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Arizona Microtek, Inc.
AZT71
Programmable Capacitive Tuning IC
www.azmicrotek.com
+1-480-962-5881
8
Request a Sample
Jan 2013, Rev 1.3
t
DA
CLK
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8
bit 9
bit 10
bit 0
loaded 1st
bit 10
loaded last
PV
4µs
min
10ms
min
≥5.6V,
≤6.1V
Figure 11 – Second programming cycle to program bit4 into the EEPROM
READING BACK FROM THE EEPROM
During programming, the PV pin is used to program the necessary control bits into the EEPROM. However, it is also used
to read the bits currently programmed into the EEPROM. When the PV pin is not used during programming, the AZT71
provides a weak pull-up and pull-down on the pin. This allows the EEPROM data to be shifted out to the PV pin and read
after the CLK sequence is complete and when the DA & CLK pins are high (Figure 12). Each EEPROM bit is selected by
setting the DA signal low (EEPROM selection is active low) during the CLK sequence. With an external 68kΩ resistor
pull-up to VDD
on the PV pin, a low EEPROM bit produces ≤ 0.4V level while a high EEPROM bit produces a ≥ 0.6*V
DD
level.
t
DA
CLK
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8
bit 9
bit 10
bit0
loaded 1st
bit10
loaded last
PV
≥ 0.6*V
DD
bit5
selected
Resulting voltage if
bit5 was high in
EEPROM
Resulting voltage if
bit5 was low in
EEPROM
≤ 0.4V
indeterminate
With an external 68k
Ω resistor pull-up to V
DD
Figure 12 – Timing diagram to read bits from EEPROM


Similar Part No. - AZT71MG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZT71MG AZM-AZT71MG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
More results

Similar Description - AZT71MG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZT70 AZM-AZT70 Datasheet
622Kb / 12P
   Programmable Capacitive Tuning IC
AZT71 AZM-AZT71 Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
   Programmable low-power capacitive sensor conditioning IC
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com