Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK4515DPK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK4515DPK
Description  450V - 27A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4515DPK Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK4515DPK_12 Datasheet HTML 1Page - Renesas Technology Corp RJK4515DPK_12 Datasheet HTML 2Page - Renesas Technology Corp RJK4515DPK_12 Datasheet HTML 3Page - Renesas Technology Corp RJK4515DPK_12 Datasheet HTML 4Page - Renesas Technology Corp RJK4515DPK_12 Datasheet HTML 5Page - Renesas Technology Corp RJK4515DPK_12 Datasheet HTML 6Page - Renesas Technology Corp RJK4515DPK_12 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0472EJ0200 Rev.2.00
Page 1 of 6
Jun 21, 2012
Preliminary Datasheet
RJK4515DPK
450V - 27A - MOS FET
High Speed Power Switching
Features
 Low on-resistance
RDS(on) = 0.171  typ. (at ID = 13.5 A, VGS = 10 V, Ta = 25C)
 Low leakage current
 High speed switching
Outline
RENESAS Package code: PRSS0004ZE-A
(Package name:TO-3P)
D
S
G
1. Gate
2. Drain (Flange)
3. Source
1
2
3
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
450
V
Gate to source voltage
VGSS
30
V
Drain current
ID
27
A
Drain peak current
ID (pulse)
Note1
81
A
Body-drain diode reverse drain current
IDR
27
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
81
A
Avalanche current
IAP
Note3
8
A
Avalanche energy
EAR
Note3
3.6
mJ
Channel dissipation
Pch
Note2
150
W
Channel to case thermal impedance
ch-c
0.833
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1 %
2. Value at Tc = 25
C
3. STch = 25
C, Tch  150C
R07DS0472EJ0200
(Previous: REJ03G1869-0100)
Rev.2.00
Jun 21, 2012


Similar Part No. - RJK4515DPK_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4515DPK RENESAS-RJK4515DPK_15 Datasheet
84Kb / 7P
   450V - 27A - MOS FET High Speed Power Switching
More results

Similar Description - RJK4515DPK_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4515DPK RENESAS-RJK4515DPK_15 Datasheet
84Kb / 7P
   450V - 27A - MOS FET High Speed Power Switching
RJK4512DPP-E0 RENESAS-RJK4512DPP-E0_15 Datasheet
104Kb / 7P
   450V - 14A - MOS FET High Speed Power Switching
2SK1521-E1-E RENESAS-2SK1521-E1-E Datasheet
259Kb / 7P
   450V - 50A - MOS FET High Speed Power Switching
Rev.3.00 Mar 26, 2014
RJK4502DPD RENESAS-RJK4502DPD Datasheet
88Kb / 7P
   450V - 2.8A - MOS FET High Speed Power Switching
Aug 08, 2012
2SK1521-E1-E RENESAS-2SK1521-E1-E_15 Datasheet
93Kb / 7P
   450V - 50A - MOS FET High Speed Power Switching
RJK4532DPH-E0 RENESAS-RJK4532DPH-E0_15 Datasheet
99Kb / 7P
   450V - 4A - MOS FET High Speed Power Switching
RJK4532DPD RENESAS-RJK4532DPD_15 Datasheet
80Kb / 7P
   450V - 4A - MOS FET High Speed Power Switching
RJK4502DPD RENESAS-RJK4502DPD_15 Datasheet
89Kb / 7P
   450V - 2.8A - MOS FET High Speed Power Switching
RJK4502DJE RENESAS-RJK4502DJE Datasheet
59Kb / 4P
   450V - 2.8A - MOS FET High Speed Power Switching
RJK4532DPH-E0 RENESAS-RJK4532DPH-E0 Datasheet
99Kb / 7P
   450V - 4A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com