Electronic Components Datasheet Search |
|
BR24T512FVJFVMWGTR Datasheet(PDF) 1 Page - Rohm |
|
BR24T512FVJFVMWGTR Datasheet(HTML) 1 Page - Rohm |
1 / 22 page 1/21 www.rohm.com 2011.03 - Rev.A © 2011 ROHM Co., Ltd. All rights reserved. High Reliability Serial EEPROMs I 2C BUS BR24□□□□family BR24T□□□□Series ●Description BR24T□□□-W series is a serial EEPROM of I 2C BUS interface method ●Features 1) Completely conforming to the world standard I 2C BUS. All controls available by 2 ports of serial clock (SCL) and serial data(SDA) 2) Other devices than EEPROM can be connected to the same port, saving microcontroller port 3) 1.7V~5.5V single power source action most suitable for battery use 4) 1.7V~5.5Vwide limit of action voltage, possible FAST MODE 400KHz action 5) Page write mode useful for initial value write at factory shipment 6) Auto erase and auto end function at data write 7) Low current consumption 8) Write mistake prevention function Write (write protect) function added Write mistake prevention function at low voltage 9) DIP-T8/SOP8/SOP-J8/SSOP-B8/TSSOP-B8/TSSOP-B8J/MSOP8/VSON008X2030 various packages 10) Data rewrite up to 1,000,000 times 11) Data kept for 40 years 12) Noise filter built in SCL / SDA terminal 13) Shipment data all address FFh ●BR24T series Capacity Bit format Type Power source Voltage DIP-T8 SOP8 SOP-J8 SSOP-B8 TSSOP-B8 TSSOP-B8J MSOP8 VSON008 X2030 1Kbit 128×8 BR24T01-W 1.7~5.5V ● ● ● ● ● ● ● ● 2Kbit 256×8 BR24T02-W 1.7~5.5V ● ● ● ● ● ● ● ● 4Kbit 512×8 BR24T04-W 1.7~5.5V ● ● ● ● ● ● ● ● 8Kbit 1K×8 BR24T08-W 1.7~5.5V ● ● ● ● ● ● ● ● 16Kbit 2K×8 BR24T16-W 1.7~5.5V ● ● ● ● ● ● ● ● 32Kbit 4K×8 BR24T32-W 1.7~5.5V ● ● ● ● ● ● ● ● 64Kbit 8K×8 BR24T64-W 1.7~5.5V ● ● ● ● ● ● ● ● 128Kbit 16K×8 BR24T128-W 1.7~5.5V ● ● ● ● ● ● ● ● 256Kbit 32K×8 BR24T256-W 1.7~5.5V ● ● ● ● ● 512Kbit 64K×8 BR24T512-W 1.7~5.5V ☆ ☆ ☆ ☆ ☆ 1024Kbit 128K×8 BR24T1M-W 1.7~5.5V ☆ ☆ ☆ ☆:Developing No.11001EAT21 |
Similar Part No. - BR24T512FVJFVMWGTR |
|
Similar Description - BR24T512FVJFVMWGTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |