Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSB601O Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KSB601O
Description  Low Frequency Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB601O Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KSB601O Datasheet HTML 1Page - Fairchild Semiconductor KSB601O Datasheet HTML 2Page - Fairchild Semiconductor KSB601O Datasheet HTML 3Page - Fairchild Semiconductor KSB601O Datasheet HTML 4Page - Fairchild Semiconductor KSB601O Datasheet HTML 5Page - Fairchild Semiconductor KSB601O Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Safe Operating Area
Figure 5. Reverse Bias Safe Operating Areas
Figure 6. Derating Curve of Safe Operating Areas
-0
-1
-2
-3
-4
-5
-1
-2
-3
-4
-5
IB = -1.0mA
IB = -6mA
IB = -4mA
IB = -0.8mA
IB =
-1.5
mA
IB = -0.6mA
IB =
-2
m
A
IB = -10mA
IB = -0.4mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0.01
-0.1
-1
-10
10
100
1000
10000
VCE = -2V
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.1
-1
-10
VCE(sat)
VBE(sat)
IC = 1000 IB
IC[A], COLLECTOR CURRENT
-1
-10
-100
-0.001
-0.01
-0.1
-1
-10
100ms
10m
s
100us
50us
Diss
ipat
ion
Li
mite
d
VCE[V], COLLECTOR-EMITTER VOLTAGE
-20
-40
-60
-80
-100
-120
-140
-160
-0
-2
-4
-6
-8
-10
-12
-14
-16
VCE[V], COLLECTOR-EMITTER VOLTAGE
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
140
160
Di
ss
ipat
ion
Li
m
ite
d
s/b
Li
mite
d
TC[
o
C], CASE TEMPERATURE


Similar Part No. - KSB601O

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSB ITT-KSB Datasheet
184Kb / 2P
   Low-profile Tact Switch
logo
C&K Components
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
   Protected against flux
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB0A-110 CK-COMPONENTS-KSB0A-110 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB0A-111 CK-COMPONENTS-KSB0A-111 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
More results

Similar Description - KSB601O

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com