Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCM03-3004 Datasheet(PDF) 8 Page - C&K Components

Part # CCM03-3004
Description  CCM03 MK II
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM03-3004 Datasheet(HTML) 8 Page - C&K Components

Back Button CCM03-3004 Datasheet HTML 4Page - C&K Components CCM03-3004 Datasheet HTML 5Page - C&K Components CCM03-3004 Datasheet HTML 6Page - C&K Components CCM03-3004 Datasheet HTML 7Page - C&K Components CCM03-3004 Datasheet HTML 8Page - C&K Components CCM03-3004 Datasheet HTML 9Page - C&K Components CCM03-3004 Datasheet HTML 10Page - C&K Components CCM03-3004 Datasheet HTML 11Page - C&K Components CCM03-3004 Datasheet HTML 12Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com/ccm
34
Dimensional Drawings
PCB Layout
Unless otherwise stated, tolerances are ± 0.10 mm
Hinged Cover CCM03-3013 (6 contacts + Card Detect Switch)
CCM03-3013
Note: Coplanarity of soldering surfaces: ± 0.05 mm
CCM03 MK II Hinged Cover
1136 ITT - CCM Catalog
11/20/00
12:28 PM
Page 36


Similar Part No. - CCM03-3004

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03-3004LFT CK-COMPONENTS-CCM03-3004LFT Datasheet
1Mb / 16P
   CCM03 Series
CCM03-3004LFT CK-COMPONENTS-CCM03-3004LFT Datasheet
1Mb / 15P
   Compatible with pick and place and
CCM03-3004LFTR102 CK-COMPONENTS-CCM03-3004LFTR102 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
logo
ITT Industries
CCM03-3004R102 ITT-CCM03-3004R102 Datasheet
673Kb / 8P
   CCM03-3517
More results

Similar Description - CCM03-3004

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM03-3517 ITT-CCM03-3517 Datasheet
673Kb / 8P
   CCM03-3517
logo
C&K Components
CCM03 CK-COMPONENTS-CCM03 Datasheet
1Mb / 16P
   CCM03 Series
CCM03MK2 CK-COMPONENTS-CCM03MK2_V01 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
CCM03MK3 CK-COMPONENTS-CCM03MK3 Datasheet
324Kb / 4P
   CCM03 MK3 Series
6 Feb 19
logo
Tyco Electronics
1565543-1 MACOM-1565543-1 Datasheet
57Kb / 1P
   12POSITIONS CAP HOUSING ASSEMBLY 040 MULTILOCK CONNECTOR MK-II VERTICAL TYPE
logo
RAYEX ELECTRONICS CO., ...
MK2N-DT RAYEX-MK2N-DT Datasheet
447Kb / 2P
   MK SERIES
logo
Meder Electronic
MK02-0-1A66-1400W MEDER-MK02-0-1A66-1400W Datasheet
71Kb / 1P
   MK Reed Sensors
MK06-5-E MEDER-MK06-5-E Datasheet
66Kb / 1P
   MK Reed Sensors
MK06-8-B MEDER-MK06-8-B Datasheet
66Kb / 1P
   MK Reed Sensors
MK06-8-I MEDER-MK06-8-I Datasheet
66Kb / 1P
   MK Reed Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com