Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH280N055T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH280N055T
Description  N-Channel Enhancement Mode Avalanche Rated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH280N055T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH280N055T Datasheet HTML 1Page - IXYS Corporation IXTH280N055T Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C55
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
55
V
V
GSM
Transient
± 20
V
I
D25
T
C = 25°C
280
A
I
LRMS
Lead Current Limit, RMS
75
A
I
DM
T
C = 25°C, pulse width limited by TJM
600
A
I
A
T
C = 25°C40
A
E
AS
T
C = 25°C
1.5
J
P
D
T
C = 25°C
550
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6mm (0.062in.) from case for 10s
300
°C
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-247)(TO-3P)
1.13 / 10
Nm/lb.in.
Weight
TO-247
6.0
g
TO-3P
5.5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
55
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.0
4.0
V
I
GSS
V
GS = ± 20V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 150°C
250
μA
R
DS(on)
V
GS = 10V, ID = 50A, Notes 1, 2
2.6
3.2 m
Ω
TrenchMVTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
IXTH280N055T
IXTQ280N055T
V
DSS
= 55V
I
D25
= 280A
R
DS(on)
≤≤≤≤ 3.2m
Ω
Ω
Ω
Ω
Ω
DS99630A(07/08)
G = Gate
D
= Drain
S = Source
TAB = Drain
TO-3P (IXTQ)
TO-247 (IXTH)
S
(TAB)
(TAB)
Features
International standard packages
175°C Operating Temperature
Avalanche Rated
Low R
DS(on)
Advantages
Easy to mount
Space savings
High power density
Applications
Automotive
- Motor Drives
- High Side Switch
- 12V Battery
- ABS Systems
DC/DC Converters and Off-line UPS
Primary - Side Switch
High Current Switching Applications
G
D
S
G
D


Similar Part No. - IXTH280N055T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH280N055 ISC-IXTH280N055 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH280N055T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
   N-Channel Enhancement Mode Avalanche Rated
IXTH96N25T IXYS-IXTH96N25T Datasheet
176Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTH160N15T IXYS-IXTH160N15T Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTF200N10T IXYS-IXTF200N10T Datasheet
166Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTL2X200N085T IXYS-IXTL2X200N085T Datasheet
71Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com