Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F3321 Datasheet(PDF) 7 Page - Integrated Technology Future

Part # F3321
Description  SAW Bandpass Filter F3321
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F3321 Datasheet(HTML) 7 Page - Integrated Technology Future

  F3321 Datasheet HTML 1Page - Integrated Technology Future F3321 Datasheet HTML 2Page - Integrated Technology Future F3321 Datasheet HTML 3Page - Integrated Technology Future F3321 Datasheet HTML 4Page - Integrated Technology Future F3321 Datasheet HTML 5Page - Integrated Technology Future F3321 Datasheet HTML 6Page - Integrated Technology Future F3321 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SAW Bandpass Filter F3321
Part No.
NSMA01-F3321
Rev. Date
2011-1-14
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS 01
7/7
Carrier Tape Dimensions
[unit : mm]
Part Direction
Reel Dimensions
[unit : mm]
A
5.50 ± 0.1
B
5.50 ± 0.1
C
7.25 ± 0.1
D
1.95 ± 0.1
E
12.00 ± 0.1
F
8.00 ± 0.1
Tape Running Direction


Similar Part No. - F3321

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F332K75Y5RP83K0. VISHAY-F332K75Y5RP83K0. Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
More results

Similar Description - F3321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com