Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSMA01-F3321 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # NSMA01-F3321
Description  SAW Bandpass Filter F3321
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

NSMA01-F3321 Datasheet(HTML) 2 Page - Integrated Technology Future

  NSMA01-F3321 Datasheet HTML 1Page - Integrated Technology Future NSMA01-F3321 Datasheet HTML 2Page - Integrated Technology Future NSMA01-F3321 Datasheet HTML 3Page - Integrated Technology Future NSMA01-F3321 Datasheet HTML 4Page - Integrated Technology Future NSMA01-F3321 Datasheet HTML 5Page - Integrated Technology Future NSMA01-F3321 Datasheet HTML 6Page - Integrated Technology Future NSMA01-F3321 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F3321
Part No.
NSMA01-F3321
Rev. Date
2011-1-14
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS 01
2/7
Specifications
Fc = 332 MHz
Terminating source impedance : 50Ω
Terminating load impedance
: 50Ω
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
332
-
MHz
Insertion Loss (In Fc +/- 3 MHz)
-
2.0
3.5
dB
Amplitude Ripple (In Fc +/- 3 MHz)
-
1.0
1.5
dBp-p
VSWR (In Fc +/- 3 MHz)
-
2.0
2.5
Relative Attenuation
DC ~ 312 MHz
352 ~ 800 MHz
35.0
35.0
40.0
40.0
-
-
dB
Temperature Range (Operational)
-30
25
85
Input RF Power (In Fc +/- 3 MHz)
-
0
-
dBm
Input/Output Impedance
50
Ohms


Similar Part No. - NSMA01-F3321

ManufacturerPart #DatasheetDescription
logo
StarHope
NSM SPSEMI-NSM Datasheet
702Kb / 3P
   Surface Mount Devices
NSM005 SPSEMI-NSM005 Datasheet
702Kb / 3P
   Surface Mount Devices
NSM010 SPSEMI-NSM010 Datasheet
702Kb / 3P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
NSM016 LEIDITECH-NSM016 Datasheet
492Kb / 1P
   Fast tripping resettable circuit protection
logo
StarHope
NSM025 SPSEMI-NSM025 Datasheet
702Kb / 3P
   Surface Mount Devices
More results

Similar Description - NSMA01-F3321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com