Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJD227004NJ Datasheet(PDF) 8 Page - AVX Corporation

Part # TAJD227004NJ
Description  TAJ Series Standard Tantalum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJD227004NJ Datasheet(HTML) 8 Page - AVX Corporation

  TAJD227004NJ Datasheet HTML 1Page - AVX Corporation TAJD227004NJ Datasheet HTML 2Page - AVX Corporation TAJD227004NJ Datasheet HTML 3Page - AVX Corporation TAJD227004NJ Datasheet HTML 4Page - AVX Corporation TAJD227004NJ Datasheet HTML 5Page - AVX Corporation TAJD227004NJ Datasheet HTML 6Page - AVX Corporation TAJD227004NJ Datasheet HTML 7Page - AVX Corporation TAJD227004NJ Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
13
TAJ Automotive Range
Standard Tantalum - Automotive Product Range
RATINGS & PART NUMBER REFERENCE
Moinsture Sensitivity Level (MSL) is defined according to J-STD-020
*Please use "U" instead of "T" in the suffix letter for 13'' reel packaging
Please use specific PN for automotive version – see “HOW TO ORDER”.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 126.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.*
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJD226*025TNJ
D
22
25
5.5
6
0.9
3
TAJD336*025TNJ
D
33
25
8.3
6
0.9
3
TAJD476*025TNJ
D
47
25
11.8
6
0.9
3
TAJE476*025TNJ
E
47
25
11.8
6
0.9
3
35 Volt @ 85ºC (23 Volt @ 125ºC)
TAJA334*035TNJ
A
0.33
35
0.5
4
15
1
TAJA474*035TNJ
A
0.47
35
0.5
4
12
1
TAJA684*035TNJ
A
0.68
35
0.5
4
8
1
TAJA105*035TNJ
A
1
35
0.5
4
7.5
1
TAJB105*035TNJ
B
1
35
0.5
4
6.5
1
TAJA155*035TNJ
A
1.5
35
0.5
6
7.5
1
TAJB155*035TNJ
B
1.5
35
0.5
6
5.2
1
TAJB225*035TNJ
B
2.2
35
0.8
6
4.2
1
TAJC225*035TNJ
C
2.2
35
0.8
6
3.5
1
TAJB335*035TNJ
B
3.3
35
1.2
6
3.5
1
TAJC335*035TNJ
C
3.3
35
1.2
6
2.5
1
TAJB475*035TNJ
B
4.7
35
1.6
6
3.1
1
TAJC475*035TNJ
C
4.7
35
1.6
6
2.2
1
TAJD475*035TNJ
D
4.7
35
1.6
6
1.5
3
TAJC685*035TNJ
C
6.8
35
2.4
6
1.8
1
TAJD685*035TNJ
D
6.8
35
2.4
6
1.3
3
TAJC106*035TNJ
C
10
35
3.5
6
1.6
1
TAJD106*035TNJ
D
10
35
3.5
6
1
3
TAJD156*035TNJ
D
15
35
5.3
6
0.9
3
TAJD226*035TNJ
D
22
35
7.7
6
0.9
3
TAJE226*035TNJ
E
22
35
7.7
6
0.5
3
TAJE336*035TNJ
E
33
35
11.6
6
0.9
3
50 Volt @ 85ºC (33 Volt @ 125ºC)
TAJA224*050TNJ
A
0.22
50
0.5
4
18
1
TAJA334*050TNJ
A
0.33
50
0.5
4
17
1
TAJA474*050TNJ
A
0.47
50
0.5
4
9.5
1
TAJB474*050TNJ
B
0.47
50
0.7
4
9.5
1
TAJB684*050TNJ
B
0.68
50
0.5
4
8
1
TAJB105*050TNJ
B
1
50
0.5
6
7
1
TAJC105*050TNJ
C
1
50
0.5
4
5.5
1
TAJC155*050TNJ
C
1.5
50
0.8
6
4.5
1
TAJC225*050TNJ
C
2.2
50
1.1
8
2.5
1
TAJD225*050TNJ
D
2.2
50
1.1
6
2.5
3
TAJC335*050TNJ
C
3.3
50
1.6
6
2.5
1
TAJD335*050TNJ
D
3.3
50
1.7
6
2
3
TAJC475*050TNJ
C
4.7
50
0.5
4
1.4
1
TAJD475*050TNJ
D
4.7
50
2.4
6
1.4
3
TAJD685*050TNJ
D
6.8
50
3.4
6
1
3
TAJD106*050TNJ
D
10
50
5
6
0.8
3
TAJE106*050TNJ
E
10
50
5
6
1
3


Similar Part No. - TAJD227004NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJD227004NJ AVX-TAJD227004NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJD227004NJ AVX-TAJD227004NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD227004NJ AVX-TAJD227004NJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJD227004NJ AVX-TAJD227004NJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJD227004NJ AVX-TAJD227004NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJD227004NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJA475K025RNJ AVX-TAJA475K025RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJD106K050RNJ AVX-TAJD106K050RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJE227K016RNJ AVX-TAJE227K016RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJA105K016RNJ AVX-TAJA105K016RNJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJA106K016RNJ AVX-TAJA106K016RNJ Datasheet
143Kb / 8P
   TAJ Series Standard Tantalum
TAJA476K006RNJ AVX-TAJA476K006RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJB335K016RNJ AVX-TAJB335K016RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJC107M006RNJ AVX-TAJC107M006RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJB227M004RNJ AVX-TAJB227M004RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com