Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC1008 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC1008
Description  Low Frequency Amplifier Medium Speed Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC1008 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC1008 Datasheet HTML 1Page - Fairchild Semiconductor KSC1008 Datasheet HTML 2Page - Fairchild Semiconductor KSC1008 Datasheet HTML 3Page - Fairchild Semiconductor KSC1008 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, August 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
160
180
200
IB = 1.8mA
IB = 1.6mA
IB = 1.4mA
IB = 1.2mA
IB = 1.0mA
IB = 0.8mA
IB = 0.6mA
IB = 0.4mA
IB = 0.2mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
0
20
40
60
80
100
120
140
160
180
200
220
240
VCE = 2V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
VBE(sat)
VCE(sat)
IC=10IB
IC[mA], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
VCE=2V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1
10
100
f=1MHz
IE=0
VCB[V], COLLECTOR-BASE VOLTAGE


Similar Part No. - KSC1008

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC1008 SAMSUNG-KSC1008 Datasheet
71Kb / 2P
   NPN (LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)
logo
Fairchild Semiconductor
KSC1008 FAIRCHILD-KSC1008 Datasheet
151Kb / 5P
   NPN Epitacial Silicon Transistor
logo
Foshan Blue Rocket Elec...
KSC1008 FOSHAN-KSC1008 Datasheet
891Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Fairchild Semiconductor
KSC1008COBU FAIRCHILD-KSC1008COBU Datasheet
151Kb / 5P
   NPN Epitacial Silicon Transistor
KSC1008COTA FAIRCHILD-KSC1008COTA Datasheet
151Kb / 5P
   NPN Epitacial Silicon Transistor
More results

Similar Description - KSC1008

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1707 HITACHI-2SC1707 Datasheet
61Kb / 1P
   LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
List of Unclassifed Man...
2SA708 ETC-2SA708 Datasheet
86Kb / 2P
   LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Fairchild Semiconductor
KSA708YTA FAIRCHILD-KSA708YTA Datasheet
45Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA931YTA FAIRCHILD-KSA931YTA Datasheet
47Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA708YBU FAIRCHILD-KSA708YBU Datasheet
45Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSC2331 FAIRCHILD-KSC2331 Datasheet
40Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA708 FAIRCHILD-KSA708 Datasheet
39Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA931 FAIRCHILD-KSA931 Datasheet
41Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
logo
Samsung semiconductor
KSC2331 SAMSUNG-KSC2331 Datasheet
81Kb / 2P
   NPN LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)
KSC1008 SAMSUNG-KSC1008 Datasheet
71Kb / 2P
   NPN (LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com