Electronic Components Datasheet Search |
|
CS1H-CPU65-E Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
CS1H-CPU65-E Datasheet(HTML) 3 Page - Omron Electronics LLC |
3 / 38 page CS1 Ordering Guide 47: CPU Rack Item Description Standards Part number CPUs I/O bits Program capacity Data memory capacity — — 960 10K steps 32K words (DM: 32K words, EM: None) U, C, N, CE, L CS1G-CPU42-E(V P P P P) 960 20K steps 32K words (DM: 32K words, EM: None) , , , , CS1G-CPU43-E(V P P P P) 1280 30K steps 64K words (DM: 32K words, EM: 32K words '1 bank) CS1G-CPU44-E(V P P P P) 5120 60K steps 128K words (DM: 32K words, EM: 32K words '3 banks) CS1G-CPU45-E(V P P P P) 5120 20K steps 32K words (DM: 32K words, EM: None) CS1H-CPU63-E(V P P P P) 5120 30K steps 64K words (DM: 32K words, EM: 32K words '1 bank) CS1H-CPU64-E(V P P P P) 5120 60K steps 128K words (DM: 32K words, EM: 32K words '3 banks) CS1H-CPU65-E(V P P P P) 5120 120K steps 256K words (DM: 32K words, EM: 32K words '7 banks) CS1H-CPU66-E(V P P P P) 5120 250K steps 448K words (DM: 32K words, EM: 32K words '13 banks) CS1H-CPU67-E(V P P P P) CPU Racks 2 slots (does not connect to Expansion Rack) U, C, N, CE, L CS1W-BC023 3slots , , , , CS1W-BC033 5slots CS1W-BC053 8slots CS1W-BC083 10 slots CS1W-BC103 Power Supplies 100 to 120 VAC or 200 to 240 VAC; output capacity: 4.6 A, 5 VDC U, C, N, L, CE C200HW-PA204 100 to 120 VAC or 200 to 240 VAC (with 0.8 A, 24 VDC service power supply) Output capacity: 4.6 A, 5 VDC , , , , C200HW-PA204S 100 to 120 VAC or 200 to 240 VAC (with RUN output) Output capacity: 4.6 A, 5 VDC U, C C200HW-PA204R 100 to 120 VAC or 200 to 240 VAC (with RUN output) Output capacity: 9 A, 5 VDC CE, L C200HW-PA209R 24 VDC, Output capacity: 4.6 A, 5 VDC U, C, N, L, CE C200HW-PD024 Memory Cards Flash memory, 8 MB CE, L HMC-EF861 y Flash memory, 15 MB , HMC-EF171 Flash memory, 30 MB HMC-EF371 Memory Card adapter HMC-AP001 Serial Communica- ti B d 2 ' RS-232C ports (protocol macro function supported) U, C, N, CE, L CS1W-SCB21 tions Boards 1 ' RS-232C port + 1 ' RS-422/485 port (protocol macro function supported) , , , , CS1W-SCB41 Programming Consoles Requires an English Keyboard Sheet (CS1W-KS001-E). (connects to the peripheral port on CPU Module only) U, C, N, CE, CQM1-PRO01-E ( y) C200H-PRO27-E Programming Con- sole Connecting Cables Connects the CQM1-PRO01-E Programming Console. (0.05 m length) (adapter cable used with cable included with COM-PRO01-E) CE CS1W-CN114 Cables Connects the C200H-PRO27-E Programming Console. (2.0 m length) CS1W-CN224 Connects the C200H-PRO27-E Programming Console. (6.0 m length) CS1W-CN624 CX-Programmer Software Windows-based Programming Software for Windows 95, 98, NT4.0 (connects to peripheral port on CPU Module or RS-232C port on CPU Module or Serial Communications Module/Board.) — WS02-CXPC1-EV = = = =.= = = = CX-Protocol Windows-based Protocol Development Software for Windows 95, 98, NT4.0 — WS02-PSTC1-E Peripheral Device C ti C bl Connects Standard IBM PC/AT compatible computers D-Sub 9-pin receptacle (Length: 0.1 m) CE CS1W-CN118 (See Note.) e ce Connecting Cables (for peripheral port) Connects Standard IBM PC/AT compatible computers D-Sub 9-pin (2.0 m length) CS1W-CN226 port) Connects Standard IBM PC/AT compatible computers D-Sub 9-pin (6.0 m length) CS1W-CN626 Peripheral Device Connecting Cables Serial Connecting Cable Connects Standard IBM PC/AT compatible comput- ers D-Sub 9-pin (2 0 m length) — C200HS-CN220-EU Connecting Cables (for RS-232C port) ers D-Sub 9-pin (2.0 m length) Battery Set For CS1 Series only; provides backup to CPU memory CE, L CS1W-BAT01 Note: This is an adapter cable that is to be used with Omron Cable No. C200HS-CN220EU. |
Similar Part No. - CS1H-CPU65-E |
|
Similar Description - CS1H-CPU65-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |