Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG4M4030 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XG4M4030
Description  Screw Terminal Block Cables
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4M4030 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XG4M4030 Datasheet HTML 1Page - Omron Electronics LLC XG4M4030 Datasheet HTML 2Page - Omron Electronics LLC XG4M4030 Datasheet HTML 3Page - Omron Electronics LLC XG4M4030 Datasheet HTML 4Page - Omron Electronics LLC XG4M4030 Datasheet HTML 5Page - Omron Electronics LLC XG4M4030 Datasheet HTML 6Page - Omron Electronics LLC XG4M4030 Datasheet HTML 7Page - Omron Electronics LLC XG4M4030 Datasheet HTML 8Page - Omron Electronics LLC XG4M4030 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
XW2Z
XW2Z
2
Cables (continued)
Appearance
Applicable terminal
block
Cable length
Part number
Three XW2B-20G5
1 m (3.28 ft) and 0.75 m (2.45 ft) and 1 m (3.28 ft)
XW2Z-100H-3
2 m (6.56 ft) and 1.75 m (5.74 ft) and 2 m (6.56 ft)
XW2Z-200H-3
Three connector cable for
3 m (9.84 ft) and 2.75 m (9.02 ft) and 3 m (9.84 ft)
XW2Z-300H-3
Three-connector cable for
48- and 96-point I/O modules
5 m (16.40 ft) and 4.75 m (15.58 ft) and 5 m (16.40 ft)
XW2Z-500H-3
XW2B-20G5
XW2B 20G4
1 m (3.28 ft)
XW2Z-100F
XW2B-20G4
1.5 m (4.92 ft)
XW2Z-150F
2 m (6.56 ft)
XW2Z-200F
Single cable terminated
3 m (9.84 ft)
XW2Z-300F
Single cable terminated
with crimp hooks
5 m (16.40 ft)
XW2Z-500F
Specifications
3 RATINGS/CHARACTERISTICS
Item
Rating
Rated current
1 A at 20
°C(68°F)
Rated voltage
125 VAC
Contact resistance
20 m
Ω max. with 100 mA at 20 mV max. (See Note 1)
Insulation resistance
100 M
Ω min. at 500 VDC
Dielectric strength
500 VAC for 1 minute with a current leakage of 1 mA max. (See Note 2)
Enclosure rating
IP00
Electrical protection
Class 0
Ambient temperature
Operating: --25
°Cto80°C(--13°F to 176°F)
Note: 1. The resistance indicated is the contact resistance of the connector.
2. The voltage indicated is the dielectric strength of the connector.
3 MATERIALS/FINISH
Item
Parts
Materials/Processing
Connector
XG4M-2030
XG4M 4030
Housing
Black PBT resin with glass (UL94V-0)
XG4M-4030
XG4M-6030
Cover
g
(
)
XG4M-6030
Contact
Contact-carrying portion:
Phosphor bronze and nickel plated
with 0.15-µm-thick gold
Press-fit portion:
Phosphor bronze and nickel plated
with 2.0-µm-thick tin
XG4T-2004
XG4T-4004
XG4T-6004
Strain relief
Black PBT resin with glass (UL94V-0)
FCN-367J024-AU/F
FCN 367J040 AU/F
Housing
Black PBT resin (UL94V-0)
FCN-367J040-AU/F
Contact
Contact-carrying portion:
Gold-plated phosphor bronze
Press-fit portion:
Tin-plated phosphor bronze
Screw
Nickel-plated steel
Cable
UL2464 interface cable
Equivalent to AWG28
Crimp terminal
Fork--type crimp terminal
Equivalent to 1.25YAS3.5


Similar Part No. - XG4M4030

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4M OMRON-XG4M Datasheet
1Mb / 20P
   Flat Cable Connectors
XG4M OMRON-XG4M Datasheet
1Mb / 22P
   Flat Cable Connectors
XG4M-1030 OMRON-XG4M-1030 Datasheet
1Mb / 22P
   Flat Cable Connectors
XG4M-1030 OMRON-XG4M-1030 Datasheet
1Mb / 20P
   Flat Cable Connectors
XG4M-1030-T OMRON-XG4M-1030-T Datasheet
1Mb / 20P
   Flat Cable Connectors
More results

Similar Description - XG4M4030

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG2Z OMRON-XG2Z Datasheet
380Kb / 13P
   Screw Terminal Block Cables
logo
Advantech Co., Ltd.
PCLD-780 ADVANTECH-PCLD-780 Datasheet
566Kb / 1P
   Screw Terminal Board with Flat Cables
logo
METZ CONNECT GmbH
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311071XX METZ-311071XX Datasheet
314Kb / 5P
   screw type terminal block, pluggable
310151XX METZ-310151XX Datasheet
258Kb / 5P
   screw type terminal block, solderable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
311011XX METZ-311011XX Datasheet
250Kb / 5P
   screw type terminal block, solderable
310071XX METZ-310071XX Datasheet
336Kb / 5P
   screw type terminal block, pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com