Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6VHX380T Datasheet(PDF) 7 Page - IXYS Corporation

Part # XC6VHX380T
Description  Virtex-6 Family Overview
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

XC6VHX380T Datasheet(HTML) 7 Page - IXYS Corporation

Back Button XC6VHX380T Datasheet HTML 3Page - IXYS Corporation XC6VHX380T Datasheet HTML 4Page - IXYS Corporation XC6VHX380T Datasheet HTML 5Page - IXYS Corporation XC6VHX380T Datasheet HTML 6Page - IXYS Corporation XC6VHX380T Datasheet HTML 7Page - IXYS Corporation XC6VHX380T Datasheet HTML 8Page - IXYS Corporation XC6VHX380T Datasheet HTML 9Page - IXYS Corporation XC6VHX380T Datasheet HTML 10Page - IXYS Corporation XC6VHX380T Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Virtex-6 Family Overview
DS150 (v2.4) January 19, 2012
www.xilinx.com
Product Specification
7
Input/Output
The number of I/O pins varies from 240 to 1200 depending on device and package size. Each I/O pin is configurable and can
comply with a large number of standards, using up to 2.5V. The Virtex-6 FPGA SelectIO Resources User Guide describes
the I/O compatibilities of the various I/O options. With the exception of supply pins and a few dedicated configuration pins,
all other package pins have the same I/O capabilities, constrained only by certain banking rules.
All I/O pins are organized in banks, with 40 pins per bank. Each bank has one common VCCO output supply-voltage pin,
which also powers certain input buffers. Some single-ended input buffers require an externally applied reference voltage
(VREF). There are two VREF pins per bank (except configuration bank 0). A single bank can have only one VREF voltage
value.
I/O Electrical Characteristics
Single-ended outputs use a conventional CMOS push/pull output structure driving High towards VCCO or Low towards
ground, and can be put into high-Z state. The system designer can specify the slew rate and the output strength. The input
is always active but is usually ignored while the output is active. Each pin can optionally have a weak pull-up or a weak pull-
down resistor.
Any signal pin pair can be configured as differential input pair or output pair. Differential input pin pairs can optionally be
terminated with a 100
Ωinternal resistor. All Virtex-6 devices support differential standards beyond LVDS: HT, RSDS, BLVDS,
differential SSTL, and differential HSTL.
Digitally Controlled Impedance
Digitally controlled impedance (DCI) can control the output drive impedance (series termination) or can provide parallel
termination of input signals to VCCO, or split (Thevenin) termination to VCCO/2. DCI uses two pins per bank as reference pins,
but one such pair can also control multiple banks. VRN must be resistively pulled to VCCO, while VRP must be resistively
connected to ground. The resistor must be either 1× or 2× the characteristic trace impedance, typically close to 50
Ω.
I/O Logic
Input and Output Delay
This section describes the available logic resources connected to the I/O interfaces. All inputs and outputs can be configured
as either combinatorial or registered. Double data rate (DDR) is supported by all inputs and outputs. Any input or output can
be individually delayed by up to 32 increments of ~78 ps each. This is implemented as IODELAY. The number of delay steps
can be set by configuration and can also be incremented or decremented while in use.
For using either IODELAY, the system designer must instantiate the IODELAY control block and clock it with a frequency
close to 200 MHz. Each 32-tap total IODELAY is controlled by that frequency, thus unaffected by temperature, supply
voltage, and processing variations.
ISERDES and OSERDES
Many applications combine high-speed bit-serial I/O with slower parallel operation inside the device. This requires a
serializer and deserializer (SerDes) inside the I/O structure. Each input has access to its own deserializer (serial-to-parallel
converter) with programmable parallel width of 2, 3, 4, 5, 6, 7, 8, or 10 bits. Each output has access to its own serializer
(parallel-to-serial converter) with programmable parallel width of up to 8 bits wide for single data rate (SDR), or up to 10 bits
wide for double data rate (DDR).
System Monitor
Every Virtex-6 FPGA contains a System Monitor circuit providing thermal and power supply status information. Sensor
outputs are digitized by a 10-bit 200kSPS analog-to-digital converter (ADC). This fully tested and specified ADC can also be
used to digitize up to 17 external analog input channels. The System Monitor ADC utilizes an on-chip reference circuit
thereby eliminating the need for any external active components. On-chip temperature and power supplies are monitored
with a measurement accuracy of ±4°C and ±1% respectively.
By default the System Monitor continuously digitizes the output of all on-chip sensors. The most recent measurement results
together with maximum and minimum readings are stored in dedicated registers for access at any time through the DRP or
JTAG interfaces. User defined alarm thresholds can automatically indicate over temperature events and unacceptable power
supply variation. A specified limit (for example: 125°C) can be used to initiate an automatic power down.


Similar Part No. - XC6VHX380T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6VHX380T

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC6VLX75 XILINX-XC6VLX75_11 Datasheet
379Kb / 11P
   Virtex-6 Family Overview
XC6VLX75T XILINX-XC6VLX75T Datasheet
390Kb / 11P
   Virtex-6 Family Overview
XC5VFX130T-2FF1738I XILINX-XC5VFX130T-2FF1738I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
XC4VFX60-10FF1152I XILINX-XC4VFX60-10FF1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
VIRTEX-5 XILINX-VIRTEX-5 Datasheet
698Kb / 72P
   Virtex-5 Family Overview
XC4VFX100-11FFG1152I XILINX-XC4VFX100-11FFG1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC5VLX155-1FFG1153I XILINX-XC5VLX155-1FFG1153I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
DS174 XILINX-DS174 Datasheet
412Kb / 13P
   Virtex-5Q Family Overview
XC4VFX20-11FFG672I XILINX-XC4VFX20-11FFG672I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC4VLX25-10SF363I XILINX-XC4VLX25-10SF363I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com