Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3A2-X Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3A2-X
Description  AC/DC Fiber-Optic with Relay Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3A2-X Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3A2-X Datasheet HTML 1Page - Omron Electronics LLC E3A2-X Datasheet HTML 2Page - Omron Electronics LLC E3A2-X Datasheet HTML 3Page - Omron Electronics LLC E3A2-X Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
E3A2-X
E3A2-X
2
AC/DC Fiber-Optic with Relay Output
E3A2-X
Slim Amplifier with Plug-in
Outputs, Built-in Time Delays
Ordering Information
®
s AMPLIFIERS
Built-in timer
Not provided
Provided
Timer functions
ON-delay, OFF-delay,
Independently adjustable
one-shot, or equal ON-delay
ON-delay and OFF-delay
and OFF-delay
(0.1 to 5 seconds)
(0.1 to 5 seconds)
s ACCESSORIES (ORDERED SEPARATELY)
Description
Part number
AC (SCR output module; 200 mA, 250 VAC max. load
G3K-2R2P-1
DC NPN-SPDT output module; 200 mA, 30 VDC max. load
G3KD-YR2P-1
DC PNP-SPDT output module; 30 VDC max. load
G3KD-YR2P-2
Optional mounting chuck for armored fiber-optic cables
E39-FU1-1
s REPLACEMENT PARTS
Description
Part number
Relay, output module, SPDT, 3 A at 250 VAC (output supplied with each sensor)
G6C-2117P-DC8
Mounting bracket (supplied with each sensor)
E39-L34
Mounting chuck for standard fiber-optic cables (included with sensor)
E39-FU1
s
Universal supply voltage for
AC/DC operation
s
Plug-in replaceable outputs, relay or
solid state
s
Light-ON/Dark-ON operation,
switch selectable
s
Uses E32-series fiber-optic
cables - over 150 models available
s
Standard 3 A relay output
Solid-state
output
modules
Part number
E3A2-XCM4
E3A2-XCM4T
E3A2-XCM4D


Similar Part No. - E3A2-X

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3A2-10L OMRON-E3A2-10L Datasheet
441Kb / 6P
   AC/DC Supply with Timer Models
E3A2-DS70M4T OMRON-E3A2-DS70M4T Datasheet
441Kb / 6P
   AC/DC Supply with Timer Models
E3A2-R3M4D OMRON-E3A2-R3M4D Datasheet
433Kb / 6P
   AC/DC Supply with Timer Models
More results

Similar Description - E3A2-X

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Schneider Electric
ZBRA1 SCHNEIDER-ZBRA1 Datasheet
162Kb / 7P
   Harmony XB4, Relay Antenna, AC/ DC, 5m cable output
Feb 3, 2022
logo
Broadcom Corporation.
AFBR-16XXZ BOARDCOM-AFBR-16XXZ Datasheet
464Kb / 11P
   DC-50MBd Versatile Link Fiber Optic Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-24X8XZ AVAGO-AFBR-24X8XZ Datasheet
239Kb / 6P
   DC-50MBd Miniature Link Fiber Optic Receiver
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
List of Unclassifed Man...
OTFI-0295 ETC2-OTFI-0295 Datasheet
693Kb / 5P
   XLM Plus LED High Output Fiber Optic Light Module with Electronics
logo
Glenair, Inc.
189-001NH11S GLENAIR-189-001NH11S Datasheet
205Kb / 2P
   Fiber Optic Backshell With Split Clamp
logo
Micrel Semiconductor
SY88904 MICREL-SY88904 Datasheet
72Kb / 8P
   FIBER OPTIC MODULE CONTROLLER WITH APC
logo
Glenair, Inc.
189-001 GLENAIR-189-001 Datasheet
376Kb / 2P
   Fiber Optic Backshell With Split Clamp
logo
List of Unclassifed Man...
OTFI-0290 ETC2-OTFI-0290 Datasheet
783Kb / 4P
   XLM High Output LED Fiber Optic Light Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com