Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF927T3 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF927T3
Description  LOW NOISE HIGH FREQUENCY TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF927T3 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF927T3 Datasheet HTML 1Page - Motorola, Inc MRF927T3 Datasheet HTML 2Page - Motorola, Inc MRF927T3 Datasheet HTML 3Page - Motorola, Inc MRF927T3 Datasheet HTML 4Page - Motorola, Inc MRF927T3 Datasheet HTML 5Page - Motorola, Inc MRF927T3 Datasheet HTML 6Page - Motorola, Inc MRF927T3 Datasheet HTML 7Page - Motorola, Inc MRF927T3 Datasheet HTML 8Page - Motorola, Inc MRF927T3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MRF927T1 MRF927T3
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 0.1 mA, IB = 0 mA)
V(BR)CEO
10
Vdc
Collector–Base Breakdown Voltage
(IC = 0.1 mA, IE = 0)
V(BR)CBO
20
Vdc
Emitter–Base Breakdown Voltage
(IE = 0.1 mA, IC = 0)
V(BR)EBO
1.5
Vdc
Emitter Cutoff Current
(VEB = 1.0 Vdc, IC = 0)
IEBO
0.1
µA
ON CHARACTERISTICS
DC Current Gain
(VCE = 1.0 Vdc, IC = 0.5 mA)
hFE
50
200
DYNAMIC CHARACTERISTICS
Collector–Base Capacitance
(VCB = 1.0 Vdc, IE = 0, f = 1.0 MHz)
Ccb
0.33
pF
Current–Gain Bandwidth Product
(VCE = 3.0 Vdc, IE = 5.0 mA, f = 1.0 GHz)
f
τ
8.0
GHz
PERFORMANCE CHARACTERISTICS
Noise Figure — Minimum
(VCE = 1.0 Vdc, IC = 1.0 mA, f = 1000 MHz)
Figure 3
NFmin
1.7
dB
Associated Gain at Minimum Noise Figure
(VCE = 1.0 Vdc, IC = 1.0 mA, f = 1000 MHz)
Figure 3
GNF
9.8
dB
Maximum Unilateral Gain
(VCE = 1.0 Vdc, IC = 1.0 mA, f = 1000 MHz)
GUmax
15
dB
Insertion Gain
(VCE = 1.0 Vdc, IC = 1.0 mA, f = 1000 MHz)
|S212|
8.0
dB
Noise Resistance
(VCE = 1.0 Vdc, IC = 1.0 mA, f = 1000 MHz)
RN
62
Ohms


Similar Part No. - MRF927T3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9200LR3 FREESCALE-MRF9200LR3 Datasheet
775Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LR3 FREESCALE-MRF9200LR3 Datasheet
458Kb / 12P
   880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LR3 FREESCALE-MRF9200LR3_06 Datasheet
458Kb / 12P
   880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LSR3 FREESCALE-MRF9200LSR3 Datasheet
775Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LSR3 FREESCALE-MRF9200LSR3 Datasheet
458Kb / 12P
   880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF927T3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF917T1 MOTOROLA-MRF917T1 Datasheet
252Kb / 12P
   LOW NOISE HIGH FREQUENCY TRANSISTOR
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Leshan Radio Company
L2SC5635LT1G LRC-L2SC5635LT1G Datasheet
1Mb / 3P
   High-Frequency Amplifier Transistor High gain,low noise
logo
NTE Electronics
NTE2662 NTE-NTE2662 Datasheet
78Kb / 2P
   Silicon NPN Transistor High Frequency, Low Noise RF
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifier
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
   High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com