Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5TC4G43AFR-H9A Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # H5TC4G43AFR-H9A
Description  4Gb DDR3L SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G43AFR-H9A Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button H5TC4G43AFR-H9A Datasheet HTML 7Page - Hynix Semiconductor H5TC4G43AFR-H9A Datasheet HTML 8Page - Hynix Semiconductor H5TC4G43AFR-H9A Datasheet HTML 9Page - Hynix Semiconductor H5TC4G43AFR-H9A Datasheet HTML 10Page - Hynix Semiconductor H5TC4G43AFR-H9A Datasheet HTML 11Page - Hynix Semiconductor H5TC4G43AFR-H9A Datasheet HTML 12Page - Hynix Semiconductor H5TC4G43AFR-H9A Datasheet HTML 13Page - Hynix Semiconductor H5TC4G43AFR-H9A Datasheet HTML 14Page - Hynix Semiconductor H5TC4G43AFR-H9A Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Rev. 1.0 / Apr. 2013
11
Absolute Maximum Ratings
Absolute Maximum DC Ratings
DRAM Component Operating Temperature Range
Absolute Maximum DC Ratings
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to Vss
- 0.4 V ~ 1.80 V
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
- 0.4 V ~ 1.80 V
V
1,3
VIN, VOUT Voltage on any pin relative to Vss
- 0.4 V ~ 1.80 V
V
1
TSTG
Storage Temperature
-55 to +100
o
C1, 2
Notes:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement
conditions, please refer to JESD51-2 standard.
3. VDD and VDDQ must be within 300mV of each other at all times; and VREF must not be greater than
0.6XVDDQ,When VDD and VDDQ are less than 500mV; VREF may be equal to or less than 300mV.
Temperature Range
Symbol
Parameter
Rating
Units
Notes
TOPER
Normal Operating Temperature Range
0 to 85
o
C
1,2
Extended Temperature Range (Optional)
85 to 95
o
C1,3
Notes:
1. Operating Temperature TOPER is the case surface temperature on the center / top side of the DRAM. For measure-
ment conditions, please refer to the JEDEC document JESD51-2.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. Dur-
ing operation, the DRAM case temperature must be maintained between 0 - 85oC under all operating conditions.
3. Some applications require operation of the DRAM in the Extended Temperature Range between 85oC and 95oC
case temperature. Full specifications are guaranteed in this range, but the following additional conditions apply:
a. Refresh commands must be doubled in frequency, therefore reducing the Refresh interval tREFI to 3.9 µs. It is
also possible to specify a component with 1X refresh (tREFI to 7.8µs) in the Extended Temperature Range.
Please refer to the DIMM SPD for option availability
b. If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to use the Man-
ual Self-Refresh mode with Extended Temperature Range capability (MR2 A6 = 0b and MR2 A7 = 1b). DDR3
SDRAMs support Extended Temperature Range and please refer to component datasheet and/or the DIMM
SPD for tREFI requirements in the EXtended Temperature Range.


Similar Part No. - H5TC4G43AFR-H9A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC4G43BFR-G7A HYNIX-H5TC4G43BFR-G7A Datasheet
440Kb / 33P
   4Gb DDR3L SDRAM
H5TC4G43BFR-H9A HYNIX-H5TC4G43BFR-H9A Datasheet
440Kb / 33P
   4Gb DDR3L SDRAM
H5TC4G43BFR-PBA HYNIX-H5TC4G43BFR-PBA Datasheet
440Kb / 33P
   4Gb DDR3L SDRAM
H5TC4G43BFR-RDA HYNIX-H5TC4G43BFR-RDA Datasheet
440Kb / 33P
   4Gb DDR3L SDRAM
H5TC4G43BFR-XXA HYNIX-H5TC4G43BFR-XXA Datasheet
440Kb / 33P
   4Gb DDR3L SDRAM
More results

Similar Description - H5TC4G43AFR-H9A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC4G43BFR-XXA HYNIX-H5TC4G43BFR-XXA Datasheet
440Kb / 33P
   4Gb DDR3L SDRAM
H5TC4G43MFR HYNIX-H5TC4G43MFR Datasheet
530Kb / 34P
   4Gb DDR3L SDRAM
logo
List of Unclassifed Man...
SLU04G64A1BD1SA-CC[EW]R ETC2-SLU04G64A1BD1SA-CC[EW]R Datasheet
608Kb / 17P
   4GB DDR3L ??SDRAM UDIMM
logo
Elpida Memory
EBJ40UG8EBU0 ELPIDA-EBJ40UG8EBU0 Datasheet
228Kb / 16P
   4GB DDR3L SDRAM SO-DIMM
logo
Samsung semiconductor
K4B4G0446E SAMSUNG-K4B4G0446E Datasheet
1Mb / 72P
   4Gb E-die DDR3L SDRAM
K4B4G1646E SAMSUNG-K4B4G1646E Datasheet
1Mb / 71P
   4Gb E-die DDR3L SDRAM
logo
List of Unclassifed Man...
SLN04G72F1BB1SA-CCRT ETC2-SLN04G72F1BB1SA-CCRT Datasheet
789Kb / 17P
   4GB DDR3L ??SDRAM ECC SO-UDIMM
SLN04G72F1BA1HY-CCRT ETC2-SLN04G72F1BA1HY-CCRT Datasheet
789Kb / 17P
   4GB DDR3L . SDRAM ECC SO-UDIMM
logo
Micron Technology
MT41K256M16HA-125ITE MICRON-MT41K256M16HA-125ITE Datasheet
553Kb / 27P
   4Gb: x4, x8, x16 1.35V DDR3L SDRAM
logo
Hynix Semiconductor
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com