Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5TC4G43MFR Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # H5TC4G43MFR
Description  4Gb DDR3L SDRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G43MFR Datasheet(HTML) 3 Page - Hynix Semiconductor

  H5TC4G43MFR Datasheet HTML 1Page - Hynix Semiconductor H5TC4G43MFR Datasheet HTML 2Page - Hynix Semiconductor H5TC4G43MFR Datasheet HTML 3Page - Hynix Semiconductor H5TC4G43MFR Datasheet HTML 4Page - Hynix Semiconductor H5TC4G43MFR Datasheet HTML 5Page - Hynix Semiconductor H5TC4G43MFR Datasheet HTML 6Page - Hynix Semiconductor H5TC4G43MFR Datasheet HTML 7Page - Hynix Semiconductor H5TC4G43MFR Datasheet HTML 8Page - Hynix Semiconductor H5TC4G43MFR Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Rev. 1.0 / Nov. 2012
3
Description
The H5TC4G43MFR-xxA, H5TC4G83MFR-xxA and H5TC4G63MFR-xxA are a 4Gb low power Double Data
Rate III (DDR3L) Synchronous DRAM, ideally suited for the main memory applications which requires large
memory density, high bandwidth and low power operation at 1.35V. DDR3L SDRAM provides backward
compatibility with the 1.5V DDR3 based environment without any changes. (Please refer to the SPD infor-
mation for details.)
SK hynix 4Gb DDR3L SDRAMs offer fully synchronous operations referenced to both rising and falling
edges of the clock. While all addresses and control inputs are latched on the rising edges of the clock (fall-
ing edges of the clock), data, data strobes and write data masks inputs are sampled on both rising and
falling edges of it. The data paths are internally pipelined and 8-bit prefetched to achieve very high band-
width.
Device Features and Ordering Information
FEATURES
• VDD=VDDQ=1.35V + 0.100 / - 0.067V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and DQS transition with CK
transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data,
data strobes and data masks latched on the
rising edges of the clock
• Programmable CAS latency 6, 7, 8, 9, 10 and 11, 13
supported
• Programmable additive latency 0, CL-1, and CL-2
supported
• Programmable CAS Write latency (CWL) = 5, 6, 7, 8, 9
Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 8banks
• AverageRefreshCycle (Tcaseof0 oC~95oC)
- 7.8 µs at 0oC ~ 85 oC
- 3.9 µs at 85oC ~ 95 oC
• JEDEC standard 78ball FBGA(x4/x8), 96ball FBGA
(x16)
• Driver strength selected by EMRS
• Dynamic On Die Termination supported
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• 8 bit pre-fetch
• This product in compliance with the RoHS directive.


Similar Part No. - H5TC4G43MFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC4G43AFR HYNIX-H5TC4G43AFR Datasheet
497Kb / 35P
   4Gb DDR3L SDRAM
H5TC4G43AFR-G7A HYNIX-H5TC4G43AFR-G7A Datasheet
497Kb / 35P
   4Gb DDR3L SDRAM
H5TC4G43AFR-H9A HYNIX-H5TC4G43AFR-H9A Datasheet
497Kb / 35P
   4Gb DDR3L SDRAM
H5TC4G43AFR-PBA HYNIX-H5TC4G43AFR-PBA Datasheet
497Kb / 35P
   4Gb DDR3L SDRAM
H5TC4G43AFR-RDA HYNIX-H5TC4G43AFR-RDA Datasheet
497Kb / 35P
   4Gb DDR3L SDRAM
More results

Similar Description - H5TC4G43MFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC4G43AFR HYNIX-H5TC4G43AFR Datasheet
497Kb / 35P
   4Gb DDR3L SDRAM
H5TC4G43BFR-XXA HYNIX-H5TC4G43BFR-XXA Datasheet
440Kb / 33P
   4Gb DDR3L SDRAM
logo
List of Unclassifed Man...
SLU04G64A1BD1SA-CC[EW]R ETC2-SLU04G64A1BD1SA-CC[EW]R Datasheet
608Kb / 17P
   4GB DDR3L ??SDRAM UDIMM
logo
Elpida Memory
EBJ40UG8EBU0 ELPIDA-EBJ40UG8EBU0 Datasheet
228Kb / 16P
   4GB DDR3L SDRAM SO-DIMM
logo
Samsung semiconductor
K4B4G0446E SAMSUNG-K4B4G0446E Datasheet
1Mb / 72P
   4Gb E-die DDR3L SDRAM
K4B4G1646E SAMSUNG-K4B4G1646E Datasheet
1Mb / 71P
   4Gb E-die DDR3L SDRAM
logo
List of Unclassifed Man...
SLN04G72F1BB1SA-CCRT ETC2-SLN04G72F1BB1SA-CCRT Datasheet
789Kb / 17P
   4GB DDR3L ??SDRAM ECC SO-UDIMM
SLN04G72F1BA1HY-CCRT ETC2-SLN04G72F1BA1HY-CCRT Datasheet
789Kb / 17P
   4GB DDR3L . SDRAM ECC SO-UDIMM
logo
Micron Technology
MT41K256M16HA-125ITE MICRON-MT41K256M16HA-125ITE Datasheet
553Kb / 27P
   4Gb: x4, x8, x16 1.35V DDR3L SDRAM
logo
Hynix Semiconductor
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com