Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSB2270020200 Datasheet(PDF) 2 Page - AVX Corporation

Part # TPSB2270020200
Description  TPS Series Low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSB2270020200 Datasheet(HTML) 2 Page - AVX Corporation

  TPSB2270020200 Datasheet HTML 1Page - AVX Corporation TPSB2270020200 Datasheet HTML 2Page - AVX Corporation TPSB2270020200 Datasheet HTML 3Page - AVX Corporation TPSB2270020200 Datasheet HTML 4Page - AVX Corporation TPSB2270020200 Datasheet HTML 5Page - AVX Corporation TPSB2270020200 Datasheet HTML 6Page - AVX Corporation TPSB2270020200 Datasheet HTML 7Page - AVX Corporation TPSB2270020200 Datasheet HTML 8Page - AVX Corporation TPSB2270020200 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
JUNE 2013
I 47
TPS Series
Low ESR
Not recommended for new designs, higher voltage or smaller case size substitution are offered.
Released codes (M tolerance only)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
ESR limits quoted in brackets (milliohms)
NOTE: Voltage ratings are minimum values.
AVX reserves the right to supply
higher ratings in the same case size,
to the same reliability standards.
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code 2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.15
154
A(9000)
0.22
224
A(6000)
A(7000)
0.33
334
A(6000)
A(7000)
0.47
474
A(7000)
A(6000)
A(6500), B(6000)
B(4000)
C(2300)
0.68
684
A(6000)
A(6000)
B(4000)
1.0
105
R(9000)
A(6200)
A(3000), R(6000)
A(4000)
A(3000)
B(3000)
S(6000), T(2000)
R(2500,4000)
B(2000)
C(2500)
1.5
155
A(3000)
A(3000)
A(3000)
C(1500,2000)
B(1800)
B(2500)
2.2
225
R(7000)
A(1800)
A(1800,3500)
A(3000), B(1700)
A(2500)
A(1500), B(750,
C(1500)
T(2000)
B(900,1200,2500)
1500,2000), C(1000)
D(1200)
3.3
335
A(2100)
T(1500)
A(3500), B(2500)
A(2500)
A(1000,1500)
B(1000)
C(1000)
B(1300)
B(750,1500,2000)
C(700)
D(800)
4.7
475
S(4000)
A(1400), B(1400)
A(2000)
A(1800)
B(700,900,1500)
B(700,1500)
C(800)
R(3000,5000)
B(800,1500)
B(750,1000)
C(700)
C(600), D(700)
D(300,500,700)
A(1000)
6.8
685
A(1800)
A(1800), B(1300)
A(1500)
B(600,1000)
B(700)
C(350)
D(200, 300,
T(1800)
B(600,1200)
C(700)
C(500,600,700)
D(150,400,500)
500,600)
A(1500), B(1500)
A(900,1800), B(1000)
A(1000), B(500,800)
B(500,1000)
B(1800)
C(600)
D(500)
10
106
R(3000)
R(1000,1500,3000)
P(2000)(M), S(900)
C(500), T(800,1000)
C(500,700)
C(300,500)
D(125,300)
E(250,300,
T(1000)
T(1000,2000)
W(500,600)
W(250, 500)
D(500)
E(200), Y(250)
400,500)
A(1000)
B(500)
C(220,300)
C(350,450)
E(250)
15
156
A(700,1500)
B(450,600), C(700)
B(500,800), C(700)
C(400,450)
D(100,300)
D(100,300)
V(250)
T(1200)
Y(250)
A(500,900)
A(900)
B(400,600)
B(400,600)
D(125,200,300,400)
22
226
B(375,600)
B(400,500,700)
C(150,250,300,375)
C(100,150,400)
C(275,400)
E(125,200,300)
C(500), S(900)
C(300), T(800)
D(700), W(500)
D(200,300)
D(100,200,300)
Y(200)
A(700)
B(350,500)
D(100,200,300)
A(600)
B(250,425,500,650)
C(100,150,225,300)
C(300)
E(100,175,
D(200,300)
33
336
B(250,350,450,600)
C(150,375,500)
D(200), W(140,175,
D(100,200)
200,300)
E(100,250,300)
T(800)
W(350)
250,400,500)
Y(200)
V(200)
Y(300,400)
A(800)
B(250,350,500,650)
C(110,350)
D(75,100,200)
D(125,150,250)
47
476
A(500)
B(250,350,500)
C(200,350)
D(80,100,150,200)
E(70,125,150,
E(80,100,125)
E(200,250)
C(300), T(1200)
D(100,300)
W(200)
200,250)
(Y250)
V(150,200)
W(125,150,250)
X(180), Y(250)
X(200)
B(600)
C(125,200)
D(70,150,
B(250,350,500)
C(80,100,200,300)
D(70,100,150)
200,300)
E(125,200)
68
686
C(150,200)
D(100,150), W(100,150)
F(200), X(150)
E(125,150,200)
V(80,95,150,200)
V(150,200)
W(110,125,250)
Y(100,200)
Y(150,200,250)
Y(200)
B(400)(M)
C(200)
B(200,250,
B(250,400)
C(75,100,150,200)
D(60,100,125,150)
D(85,100,150)
100
107
B(200)
350,500)
C(75,150), D(300)
D(50,65,80,100,125,
E(55,100,125,150)
E(100,150,200)
E(150)
(M), V(100)
W(100)
W(100,150)
150), E(125) W(150)
F(150,200)(M)
V(60,85,100,200)
Y(100)
X(85,150,200)
Y(100,150,200)
Y(100,150,200)
B(250)
C(50,90,150,200,250)
C(150), D(50,85,100),
D(60,85,100,125,150)
150
157
B(150)
C(70,80)
D(50,125),
E(100), F(200), X(100)(M)
E(100), V(45,75)
V(80)
V(150)
(M)
Y(40,50)
Y(100,150,200)
Y(200)(M)
B(150,
C(70,100,125,250)
D(40,50,100,150)
220
227
200,600)
D(40,50,100)
D(50,100,125)
E(50,60,70,100,
E(100,150)
D(45)
Y(40,50,75)
E(100), F(200)
125,150)
V(50,75,100,150)
Y(100,150)
Y(100,150,200)
C(100)
C(80,100)
330
337
Y(40)
D(35,45,100)
D(45,50,70,100)
D(50,65,100,150)
E(200)(M)
F(200)
E(50,100,125,150)
E(40,50,60,100)
X(100)
V(100), Y(100,150)
V(40,60,100)
D(35)
D(45,60,100,200)
470
477
F(200)
D(45,100)
E(45,50,60,100,200)
E(45,50,60,100,200)
Y(100)
E(35,45,100)
V(40,55,100), Y(150)
V(40,60,100)
D(35,50)
D(45,60,100)
E(45,60,100)
680
687
E(35,50)
E(40,60,100)
V(35,40,50)
Y(100)
1000
108
E(30,40)
E(40,60)
E(100)(M), V(40,50)(M)
Y(100)(M) V(25,35,40,50)
1500
158
D(100)
E(50,75)
E(50)
V(50,75)(M)
V(30,40)(M)
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)


Similar Part No. - TPSB2270020200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSB2270020200 AVX-TPSB2270020200 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSB2270020200 AVX-TPSB2270020200 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSB2270020200 AVX-TPSB2270020200 Datasheet
163Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSB2270020200 AVX-TPSB2270020200 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSB2270020200 AVX-TPSB2270020200 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results

Similar Description - TPSB2270020200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSB107M010R0400 AVX-TPSB107M010R0400 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M020R0085 AVX-TPSD107M020R0085 Datasheet
152Kb / 11P
   TPS Series Low ESR
TPSD156K035R0100 AVX-TPSD156K035R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107K010R0050 AVX-TPSD107K010R0050 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107M010R0100 AVX-TPSD107M010R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD337K010R0150 AVX-TPSD337K010R0150 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSA684M025R6000 AVX-TPSA684M025R6000 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSE686K025R0125 AVX-TPSE686K025R0125 Datasheet
163Kb / 11P
   TPS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com