Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJV158M002NJ Datasheet(PDF) 6 Page - AVX Corporation

Part # TAJV158M002NJ
Description  TAJ Series Standard Tantalum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJV158M002NJ Datasheet(HTML) 6 Page - AVX Corporation

  TAJV158M002NJ Datasheet HTML 1Page - AVX Corporation TAJV158M002NJ Datasheet HTML 2Page - AVX Corporation TAJV158M002NJ Datasheet HTML 3Page - AVX Corporation TAJV158M002NJ Datasheet HTML 4Page - AVX Corporation TAJV158M002NJ Datasheet HTML 5Page - AVX Corporation TAJV158M002NJ Datasheet HTML 6Page - AVX Corporation TAJV158M002NJ Datasheet HTML 7Page - AVX Corporation TAJV158M002NJ Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
11
TAJ Automotive Range
Standard Tantalum - Automotive Product Range
TAJ AUTOMOTIVE RANGE CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
Capacitance
Rated voltage DC (VR) to 85°C
μF
Code
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
104
0.15
154
0.22
224
A
0.33
334
AA
0.47
474
AA
A/B
0.68
684
AA
B
1.0
105
A
AA
A/B
B/C
1.5
155
A
A
A/B
C
2.2
225
A
AA/B
A/B
B/C
C/D
3.3
335
A
A/B
A/B
B
B/C
C/D
4.7
475
A/B
A/B
A/B
B/C
B/C/D
C/D
6.8
685
A/B
A/B
B/C
B/C
C/D
D
10
106
A/B
A/B
A/B/C
B/C
C/D
C/D
D/E
15
156
A
A/B/C
B/C
B/C
C/D
D
22
226
A/B/C
A/B/C
B/C/D
C/D
C/D
D/E
33
336
A/B
B/C
C/D
C/D
D
E
47
476
B/C
B/C/D
C/D
D
D/E
68
686
B/C
C/D
C/D
D/E
100
107
C/D
C/D
D/E
E
150
157
C/D
D/E
E
220
227
D
D/E
330
337
D/E
E
470
477
D/E
680
687
E
Not recommended for new designs, higher voltage or smaller case size substitution are offered.
Released codes
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.
HOW TO ORDER
106
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
K = ±10%
M = ±20%
035
Rated DC Voltage
006 = 6.3Vdc
025 = 25Vdc
010 = 10Vdc
035 = 35Vdc
016 = 16Vdc
050 = 50Vdc
020 = 20Vdc
T
Packaging
T = Automotive Lead Free
7" Reel
U = Automotive Lead Free
13" Reel
NJ
Specification
Suffix
NJ = Std Suffix
TAJ
Type
C
Case Size
See table
above
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.22 μF to 680 μF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (VR)
+85°C:
6.3
10
16
20
25
35
50
Category Voltage (VC)
+125°C:
4
7
10
13
17
23
33
Surge Voltage (VS)
+85°C:
8
13
20
26
32
46
65
Surge Voltage (VS)
+125°C:
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Environmental Classification:
55/125/56 (IEC 68-2)
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance, 60% confidence level
Termination Finished:
Sn Plating (standard), Gold and SnPb Plating upon request
Meets requirements of AEC-Q200
TECHNICAL SPECIFICATIONS


Similar Part No. - TAJV158M002NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJV158M002NJ AVX-TAJV158M002NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJV158M002NJ AVX-TAJV158M002NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJV158M002NJ AVX-TAJV158M002NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJV158M002NJ AVX-TAJV158M002NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJV158M002NJ AVX-TAJV158M002NJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJV158M002NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA475K025RNJ AVX-TAJA475K025RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJD106K050RNJ AVX-TAJD106K050RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJE227K016RNJ AVX-TAJE227K016RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJA105K016RNJ AVX-TAJA105K016RNJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJA106K016RNJ AVX-TAJA106K016RNJ Datasheet
143Kb / 8P
   TAJ Series Standard Tantalum
TAJA476K006RNJ AVX-TAJA476K006RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJB335K016RNJ AVX-TAJB335K016RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJC107M006RNJ AVX-TAJC107M006RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJC107M010RNJ AVX-TAJC107M010RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJB227M004RNJ AVX-TAJB227M004RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com