Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAP106010 Datasheet(PDF) 6 Page - AVX Corporation

Part # TAP106010
Description  Sectiom 3: Introduction Foreword
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP106010 Datasheet(HTML) 6 Page - AVX Corporation

Back Button TAP106010 Datasheet HTML 2Page - AVX Corporation TAP106010 Datasheet HTML 3Page - AVX Corporation TAP106010 Datasheet HTML 4Page - AVX Corporation TAP106010 Datasheet HTML 5Page - AVX Corporation TAP106010 Datasheet HTML 6Page - AVX Corporation TAP106010 Datasheet HTML 7Page - AVX Corporation TAP106010 Datasheet HTML 8Page - AVX Corporation TAP106010 Datasheet HTML 9Page - AVX Corporation TAP106010 Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MAY 2013
121
SOLID TANTALUM RESIN DIPPED TAP/TEP
TAPE AND REEL PACKAGING FOR AUTOMATIC COMPONENT INSERTION
TAP/TEP types are all offered on radial tape, in reel or
‘ammo’ pack format for use on high speed radial automatic
insertion equipment, or preforming machines.
The tape format is compatible with EIA 468A standard for
component taping set out by major manufacturers of radial
automatic insertion equipment.
Dipped Radial Capacitors
Tape and Reel Packaging
TAP/TEP – available in three formats. See page 122 for dimensions.
‘B’ wires for normal automatic insertion on
5mm pitch.
BRW suffix for reel
BRS suffix for ‘ammo’ pack
Available in case sizes A - J
‘C’ wires for preforming.
CRW suffix for reel
CRS suffix for ‘ammo’ pack
Available in case sizes A - R
‘S’ and ‘D’ wire for special applications,
automatic insertion on 2.5mm pitch.
SRW, DTW suffix for reel
SRS, DTS suffix for ‘ammo’ pack
Available in case sizes A - J
P2
P1
H3
H1
P
h
W2
W1
H
L
d
T
W
S
D
P
P2
P1
H3
H1
P
h
W2
W1
H
L
d
T
W
S
D
P
P2
P1
H3
H2
H1
P
h
W2
W1
L
d
T
W
S
D
P
S wire


Similar Part No. - TAP106010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP106010 AVX-TAP106010 Datasheet
118Kb / 3P
   Dipped Radial Capacitors TAP Series
TAP106010 AVX-TAP106010 Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP106010 AVX-TAP106010 Datasheet
110Kb / 3P
   Dipped Radial Capacitors
TAP106010 AVX-TAP106010 Datasheet
125Kb / 4P
   Dipped Radial Capacitors
More results

Similar Description - TAP106010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP106M016CCS AVX-TAP106M016CCS Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP106M016SCS AVX-TAP106M016SCS Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP226K050CCS AVX-TAP226K050CCS Datasheet
390Kb / 16P
   Section 3: Introduction
TAP475M025CCS AVX-TAP475M025CCS Datasheet
337Kb / 16P
   Section 3: Introduction
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
logo
List of Unclassifed Man...
ECIO28 ETC2-ECIO28 Datasheet
3Mb / 9P
   Introduction
EC927 ETC2-EC927 Datasheet
3Mb / 9P
   Introduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com