Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCJA476M0060200 Datasheet(PDF) 4 Page - AVX Corporation

Part # TCJA476M0060200
Description  TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJA476M0060200 Datasheet(HTML) 4 Page - AVX Corporation

  TCJA476M0060200 Datasheet HTML 1Page - AVX Corporation TCJA476M0060200 Datasheet HTML 2Page - AVX Corporation TCJA476M0060200 Datasheet HTML 3Page - AVX Corporation TCJA476M0060200 Datasheet HTML 4Page - AVX Corporation TCJA476M0060200 Datasheet HTML 5Page - AVX Corporation TCJA476M0060200 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
70
MAY 2013
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Voltage Derating vs Temperature Recommendation
100%
100%
83%
67%
80%
67%
53%
80%
0%
20%
40%
60%
80%
100%
120%
-55°C
0°C
85°C
105°C
125°C
rated range
recommended derating
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF
are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated
voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 142.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter
tolerance part in the same case size, to the same reliability standards.
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TCJB226M010#0300
B
22
10
22.0
6
300
3
532
479
213
160
144
64
TCJT226M010#0150
T
22
10
22.0
6
150
3
730
657
292
110
99
44
TCJB336M010#0070
B
33
10
33.0
6
70
3
1102
992
441
77
69
31
TCJB336M010#0200
B
33
10
33.0
6
200
3
652
587
261
130
117
52
TCJC336M010#0100
C
33
10
33.0
6
100
3
1049
944
420
105
94
42
TCJT336M010#0070
T
33
10
33.0
6
70
3
1069
962
428
75
67
30
TCJT336M010#0150
T
33
10
33.0
6
150
3
730
657
292
110
99
44
TCJB476M010#0070
B
47
10
47.0
6
70
3
1102
992
441
77
69
31
TCJC476M010#0100
C
47
10
47.0
6
100
3
1049
944
420
105
94
42
16 Volt @ 85°C (10 Volt @ 125°C)
TCJA685M016#0200
A
6.8
16
10.9
6
200
3
612
551
245
122
110
49
TCJA106M016#0200
A
10
16
16.0
6
200
3
612
551
245
122
110
49
TCJB106M016#0200
B
10
16
16.0
6
200
3
652
587
261
130
117
52
TCJT106M016#0150
T
10
16
16.0
6
150
3
730
657
292
110
99
44
TCJT106M016#0200
T
10
16
16.0
6
200
3
632
569
253
126
114
51
TCJB156M016#0150
B
15
16
24.0
6
150
3
753
677
301
113
102
45
TCJB226M016#0150
B
22
16
35.2
6
150
3
753
677
301
113
102
45
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
105ºC
25ºC
85ºC
105ºC
2.5 Volt @ 85°C (2 Volt @ 105°C)
TCJD477M002#0050
D
470
2.5
117.5
6
50
3
1732
1559
1126
87
78
56
TCJY477M002#0050
Y
470
2.5
117.5
6
50
3
1581
1423
1028
79
71
51
4 Volt @ 85°C (3.2 Volt @ 105°C)
TCJD337M004#0050
D
330
4
132
6
50
3
1732
1559
1126
87
78
56
TCJY337M004#0050
Y
330
4
132
6
50
3
1581
1423
1028
79
71
51
TCJD477M004#0050
D
470
4
188
6
50
3
1732
1559
1126
87
78
56
TCJY477M004#0050
Y
470
4
188
6
50
3
1581
1423
1028
79
71
51
6.3 Volt @ 85°C (5 Volt @ 105°C)
TCJN106M006#0500
N
10
6.3
6.0
6
500
3
316
285
206
158
142
103
TCJN226M006#0500
N
22
6.3
13.2
10
500
3
316
285
206
158
142
103
TCJK476M006#0150
K
47
6.3
28.2
6
150
3
658
592
428
99
89
64
TCJK476M006#0200
K
47
6.3
28.2
6
200
3
570
513
371
114
103
74
TCJR476M006#0500
R
47
6.3
28.2
10
500
3
332
298
216
166
149
108
TCJT476M006#0070
T
47
6.3
28.2
8
70
3
1069
962
695
75
67
49
TCJT686M006#0200
T
68
6.3
40.8
8
200
3
632
569
411
126
114
82
TCJT107M006#0200
T
100
6.3
60
10
200
3
632
569
411
126
114
82
TCJB157M006#0035
B
150
6.3
90
10
35
3
1558
1403
1013
55
49
35
TCJY157M006#0040
Y
150
6.3
94.5
6
40
3
1768
1591
1149
71
64
46
TCJD227M006#0050
D
220
6.3
138.6
6
50
3
1732
1559
1126
87
78
56
TCJY227M006#0050
Y
220
6.3
138.6
6
50
3
1581
1423
1028
79
71
51
TCJD337M006#0040
D
330
6.3
207.9
6
40
3
1936
1743
1259
77
70
50
TCJD337M006#0050
D
330
6.3
207.9
6
50
3
1732
1559
1126
87
78
56
TCJY337M006#0040
Y
330
6.3
198
12
40
3
1768
1591
1149
71
64
46
TCJY337M006#0050
Y
330
6.3
198
12
50
3
1581
1423
1028
79
71
51
10 Volt @ 85°C (8 Volt @ 105°C)
TCJD107M010#0045
D
100
10
100
6
45
3
1826
1643
1187
82
74
53
TCJD107M010#0055
D
100
10
100
6
55
3
1651
1486
1073
91
82
59
TCJY107M010#0045
Y
100
10
100
6
45
3
1667
1500
1083
75
68
49
TCJY107M010#0055
Y
100
10
100
6
55
3
1508
1357
980
83
75
54
TCJD157M010#0045
D
150
10
150
6
45
3
1826
1643
1187
82
74
53
TCJD157M010#0055
D
150
10
150
6
55
3
1651
1486
1073
91
82
59
TCJY157M010#0045
Y
150
10
150
6
45
3
1667
1500
1083
75
68
49
TCJY157M010#0055
Y
150
10
150
6
55
3
1508
1357
980
83
75
54
TCJD227M010#0040
D
220
10
220
6
40
3
1936
1743
1259
77
70
50
TCJD227M010#0050
D
220
10
220
6
50
3
1732
1559
1126
87
78
56
TCJY227M010#0040
Y
220
10
220
6
40
3
1768
1591
1149
71
64
46
TCJY227M010#0050
Y
220
10
220
6
50
3
1581
1423
1028
79
71
51


Similar Part No. - TCJA476M0060200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJA476M0060200 AVX-TCJA476M0060200 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M0060200 AVX-TCJA476M0060200 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M0060200 AVX-TCJA476M0060200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M0060200 AVX-TCJA476M0060200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJA476M0060200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com