Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC1623Y Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC1623Y
Description  Low Frequency Amplifier & High Frequency OSC.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC1623Y Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC1623Y Datasheet HTML 1Page - Fairchild Semiconductor KSC1623Y Datasheet HTML 2Page - Fairchild Semiconductor KSC1623Y Datasheet HTML 3Page - Fairchild Semiconductor KSC1623Y Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
100
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB=60V, IE=0
0.1
µA
IEBO
Emitter Cut-off Current
VEB=5V, IC=0
0.1
µA
hFE
DC Current Gain
VCE=6V, IC=1mA
90
200
600
VCE (sat)
Collector-Emitter Saturation Voltage
IC=100mA, IB=10mA
0.15
0.3
V
VBE (sat)
Base-Emitter Saturation Voltage
IC=100mA, IB=10mA
0.86
1.0
V
VBE (on)
Base-Emitter On Voltage
VCE=6V, IC=1mA
0.55
0.62
0.65
V
fT
Current Gain Bandwidth Product
VCE=6V, IC=10mA
250
MHz
Cob
Output Capacitance
VCB=6V, IE=0, f=1MHz
3
pF
Classification
O
Y
G
L
hFE
90 ~ 180
135 ~ 270
200 ~ 400
300 ~ 600
1. Base 2. Emitter 3. Collector
KSC1623
Low Frequency Amplifier & High Frequency
OSC.
• Complement to KSA812
C1 O
Marking
hFE grade
SOT-23
1
2
3


Similar Part No. - KSC1623Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC1623YMTF FAIRCHILD-KSC1623YMTF Datasheet
66Kb / 4P
   Low Frequency Amplifier & High Frequency OSC.
More results

Similar Description - KSC1623Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC1623YMTF FAIRCHILD-KSC1623YMTF Datasheet
66Kb / 4P
   Low Frequency Amplifier & High Frequency OSC.
KSC1623LMTF FAIRCHILD-KSC1623LMTF Datasheet
66Kb / 4P
   Low Frequency Amplifier & High Frequency OSC.
logo
Samsung semiconductor
KSC1623 SAMSUNG-KSC1623 Datasheet
77Kb / 2P
   NPN (LOW FREQUENCY AMPLIFIER HIGH FREQUENCY OSC)
logo
Fairchild Semiconductor
KSC945YTA FAIRCHILD-KSC945YTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
FJX945 FAIRCHILD-FJX945 Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC.
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
logo
ON Semiconductor
FJX945 ONSEMI-FJX945 Datasheet
161Kb / 6P
   Audio Frequency Amplifier High Frequency OSC.
Rev. B2, April 2004
logo
Fairchild Semiconductor
KSC945CYTA FAIRCHILD-KSC945CYTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
FJZ945 FAIRCHILD-FJZ945 Datasheet
217Kb / 5P
   Audio Frequency Amplifier & High Frequency OSC.
KSC3114 FAIRCHILD-KSC3114 Datasheet
25Kb / 3P
   Audio Frequency Amplifier High Frequency OSC.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com