Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5TQ8G83AMR-G7C Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # H5TQ8G83AMR-G7C
Description  8Gb DDR3 SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ8G83AMR-G7C Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button H5TQ8G83AMR-G7C Datasheet HTML 4Page - Hynix Semiconductor H5TQ8G83AMR-G7C Datasheet HTML 5Page - Hynix Semiconductor H5TQ8G83AMR-G7C Datasheet HTML 6Page - Hynix Semiconductor H5TQ8G83AMR-G7C Datasheet HTML 7Page - Hynix Semiconductor H5TQ8G83AMR-G7C Datasheet HTML 8Page - Hynix Semiconductor H5TQ8G83AMR-G7C Datasheet HTML 9Page - Hynix Semiconductor H5TQ8G83AMR-G7C Datasheet HTML 10Page - Hynix Semiconductor H5TQ8G83AMR-G7C Datasheet HTML 11Page - Hynix Semiconductor H5TQ8G83AMR-G7C Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Rev. 0.1 / Apr 2013
8
Pin Functional Description
Symbol
Type
Function
CK, CK
Input
Clock: CK and CK are differential clock inputs. All address and control input signals are
sampled on the crossing of the positive edge of CK and negative edge of CK.
CKE, (CKE0),
(CKE1)
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock signals and
device input buffers and output drivers. Taking CKE Low provides Precharge Power-Down
and Self-Refresh operation (all banks idle), or Active Power-Down (row Active in any
bank).
CKE is asynchronous for Self-Refresh exit. After VREFCA and VREFDQ have become stable
during the power on and initialization sequence, they must be maintained during all
operations (including Self-Refresh). CKE must be maintained high throughout read and
write accesses. Input buffers, excluding CK, CK, ODT and CKE, are disabled during power-
down. Input buffers, excluding CKE, are disabled during Self-Refresh.
CS, (CS0),
(CS1), (CS2),
(CS3)
Input
Chip Select: All commands are masked when CS is registered HIGH.
CS provides for external Rank selection on systems with multiple Ranks.
CS is considered part of the command code.
ODT, (ODT0),
(ODT1)
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to the
DDR3 SDRAM. When enabled, ODT is only applied to each DQ, DQS, DQS and DM/TDQS,
NU/TDQS (When TDQS is enabled via Mode Register A11=1 in MR1) signal for x4/x8
configurations. For x16 configuration, ODT is applied to each DQ, DQSU, DQSU, DQSL,
DQSL, DMU, and DML signal. The ODT pin will be ignored if MR1 is programmed to disable
ODT.
RAS.
CAS. WE
Input
Command Inputs: RAS, CAS and WE (along with CS) define the command being entered.
DM, (DMU),
(DML)
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when
DM is sampled HIGH coincident with that input data during a Write access. DM is sampled
on both edges of DQS. For x8 device, the function of DM or TDQS/TDQS is enabled by
Mode Register A11 setting in MR1.
BA0 - BA2
Input
Bank Address Inputs: BA0 - BA2 define to which bank an Active, Read, Write or Precharge
command is being applied. Bank address also determines if the mode register or extended
mode register is to be accessed during a MRS cycle.
A0 - A15
Input
Address Inputs: Provide the row address for Active commands and the column address for
Read/Write commands to select one location out of the memory array in the respective
bank. (A10/AP and A12/BC have additional functions, see below).
The address inputs also provide the op-code during Mode Register Set commands.
A10 / AP
Input
Auto-precharge: A10 is sampled during Read/Write commands to determine whether
Autoprecharge should be performed to the accessed bank after the Read/Write operation.
(HIGH: Autoprecharge; LOW: no Autoprecharge).A10 is sampled during a Precharge
command to determine whether the Precharge applies to one bank (A10 LOW) or all
banks (A10 HIGH). If only one bank is to be precharged, the bank is selected by bank
addresses.
A12 / BC
Input
Burst Chop: A12 / BC is sampled during Read and Write commands to determine if burst
chop (on-the-fly) will be performed.
(HIGH, no burst chop; LOW: burst chopped). See command truth table for details.


Similar Part No. - H5TQ8G83AMR-G7C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43BFR HYNIX-H5TQ1G43BFR Datasheet
589Kb / 32P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G63AFP HYNIX-H5TQ1G63AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G63BFR HYNIX-H5TQ1G63BFR Datasheet
589Kb / 32P
   1Gb DDR3 SDRAM
More results

Similar Description - H5TQ8G83AMR-G7C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ82HF4B1RA ELPIDA-EBJ82HF4B1RA Datasheet
248Kb / 26P
   8GB Registered DDR3 SDRAM DIMM
EBJ81UG8BAS0 ELPIDA-EBJ81UG8BAS0 Datasheet
229Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SGV08G72B1BB2SA-CC[W]RT ETC-SGV08G72B1BB2SA-CC[W]RT Datasheet
859Kb / 17P
   8GB DDR3 ??SDRAM ECC XR-DIMMTM
78C2GCMAT30C ETC2-78C2GCMAT30C Datasheet
259Kb / 7P
   8GB DDR3 SDRAM SODIMM with SPD
SGN08G72G1BB2SA-CC[EW]RT ETC2-SGN08G72G1BB2SA-CC[EW]RT Datasheet
729Kb / 17P
   8GB DDR3 ??SDRAM ECC SO-DIMM
SGV08G72B1BE2MT-CC[W]RT ETC-SGV08G72B1BE2MT-CC[W]RT Datasheet
940Kb / 17P
   8GB DDR3 . SDRAM ECC XR-DIMMTM
SLN08G72G2BE2MT-CCRT ETC2-SLN08G72G2BE2MT-CCRT Datasheet
782Kb / 17P
   8GB DDR3 ??SDRAM ECC SO-DIMM
SGN08G72G2BD2SA-CC[EW]RT ETC2-SGN08G72G2BD2SA-CC[EW]RT Datasheet
717Kb / 17P
   8GB DDR3 . SDRAM ECC SO-DIMM
SGL08G72B1BE2MT-CCRT ETC2-SGL08G72B1BE2MT-CCRT Datasheet
663Kb / 18P
   8GB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com