Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2455R-00820191 Datasheet(PDF) 8 Page - Honeywell Accelerometers

Part # 2455R-00820191
Description  Thermostats Line Guide
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2455R-00820191 Datasheet(HTML) 8 Page - Honeywell Accelerometers

Back Button 2455R-00820191 Datasheet HTML 3Page - Honeywell Accelerometers 2455R-00820191 Datasheet HTML 4Page - Honeywell Accelerometers 2455R-00820191 Datasheet HTML 5Page - Honeywell Accelerometers 2455R-00820191 Datasheet HTML 6Page - Honeywell Accelerometers 2455R-00820191 Datasheet HTML 7Page - Honeywell Accelerometers 2455R-00820191 Datasheet HTML 8Page - Honeywell Accelerometers 2455R-00820191 Datasheet HTML 9Page - Honeywell Accelerometers 2455R-00820191 Datasheet HTML 10Page - Honeywell Accelerometers 2455R-00820191 Datasheet HTML 11Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.honeywell.com/sensing
3100U Series.
Features:
UL approved • Hermetically
sealed • Tight tolerances • Tight
differentials • Pre-set and tamper proof
• SPST contacts • Wide variety of
mounting brackets and terminals
Benefits:
UL approved products designed
to meet or exceed critical commercial
and industrial specifications. Temperature
calibrations pre-set at factory. Each
unit 100 % thermally and mechanically
inspected. Potential applications include
computers, medical electronics, power
supplies, industrial controls, infotech, and
test equipment.
3106 Series.
Features:
Gold alloy contacts
• Hermetically sealed • Tight tolerances
• Tight differentials • Pre-set and tamper
proof • SPST contacts • Wide variety of
mounting brackets and terminals
Benefits:
Gold alloy contacts for low
voltage applications. Designed to meet or
exceed critical commercial and industrial
specifications. Temperature calibrations
pre-set at factory. Each unit 100%
thermally and mechanically inspected.
Potential applications include computers,
medical electronics, power supplies,
industrial controls, infotech, and test
equipment.
3150 Series.
Features:
Low silhouette and compact
design • Hermetically sealed • Tight
tolerances • Tight differentials • Pre-set
and tamper proof • SPST contacts • Wide
variety of mounting brackets and terminals
Benefits:
Low silhouette and compact
design may be well suited for potential
applications including industrial, food
service, telecom, medical, and infotech
where space is at a premium. Temperature
calibrations pre-set at factory. Each
unit 100% thermally and mechanically
inspected.
3153 Series.
Features:
Low silhouette and compact
design • Hermetically sealed • Tight
tolerances • Tight differentials • Pre-set
and tamper proof • SPST contacts • Wide
variety of mounting brackets and terminals
Benefits:
Acceptance testing performed
in accordance to Mil-PRF-24236, Table
III. Temperature calibrations pre-set at
factory. Each unit 100% thermally and
mechanically inspected. Low silhouette
and compact design may be well suited
for potential military and commercial
aircraft applications where space is at a
premium.
3156 Series.
Features:
Low silhouette and compact
design • Gold alloy contacts
• Hermetically sealed • Tight tolerances
• Tight differentials • Pre-set and tamper
proof • SPST contacts • Wide variety of
mounting brackets and terminals
Benefits:
Gold alloy contacts for potential
low voltage applications. Temperature
calibrations pre-set at factory. Each
unit 100% thermally and mechanically
inspected. Low silhouette and compact
design may be well suited for potential
applications including industrial, food
service, telecom, medical, and infotech
where space is at a premium.
3200 Series.
Features:
NASA certified • Space
qualified • Hermetically sealed • Tight
tolerances • Tight differentials • Pre-set
and tamper proof • SPST contacts • Wide
variety of mounting brackets and terminals
available
Benefits:
Temperature calibrations pre-set
at factory. Each unit 100% thermally and
mechanically inspected. Desinged to
meet or exceed military and aerospace
specifications for spaceflight use,
including temperature stability, shock,
vibration and cleanliness.


Similar Part No. - 2455R-00820191

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2455R-100-72 HONEYWELL-ACC-2455R-100-72 Datasheet
320Kb / 8P
   Thermostats - Commercial
2455R-100-73 HONEYWELL-ACC-2455R-100-73 Datasheet
320Kb / 8P
   Thermostats - Commercial
2455R-100-74 HONEYWELL-ACC-2455R-100-74 Datasheet
320Kb / 8P
   Thermostats - Commercial
2455R-100-75 HONEYWELL-ACC-2455R-100-75 Datasheet
320Kb / 8P
   Thermostats - Commercial
2455R-100-76 HONEYWELL-ACC-2455R-100-76 Datasheet
320Kb / 8P
   Thermostats - Commercial
More results

Similar Description - 2455R-00820191

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
   Thermostats Line Guide
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Honeywell Accelerometer...
2455R-100-77 HONEYWELL-ACC-2455R-100-77 Datasheet
320Kb / 8P
   Thermostats - Commercial
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Accelerometer...
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
R300 HONEYWELL-R300 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com