Electronic Components Datasheet Search |
|
TAP685020 Datasheet(PDF) 5 Page - AVX Corporation |
|
TAP685020 Datasheet(HTML) 5 Page - AVX Corporation |
5 / 16 page MAY 2013 ■ 117 Dipped Radial Capacitors TAP Series DCL DF ESR AVX Case Capacitance (μA) % Max. (Ω) Part No. Size μF Max. Max. @ 100 kHz 25 volt @ 85°C (16 volt @ 125°C) TAP 105(*)025 A 1.0 0.5 4 10.0 TAP 155(*)025 A 1.5 0.5 4 8.0 TAP 225(*)025 A 2.2 0.5 6 6.0 TAP 335(*)025 B 3.3 0.6 6 5.0 TAP 475(*)025 C 4.7 0.9 6 4.0 TAP 685(*)025 D 6.8 1.3 6 3.1 TAP 106(*)025 E 10 2.0 8 2.5 TAP 156(*)025 F 15 3.0 8 2.0 TAP 226(*)025 H 22 4.4 8 1.5 TAP 336(*)025 J 33 6.6 8 1.2 TAP 476(*)025 M 47 9.4 8 1.0 TAP 686(*)025 N 68 13.6 8 0.8 35 volt @ 85°C (23 volt @ 125°C) TAP 104(*)035 A 0.1 0.5 4 26.0 TAP 154(*)035 A 0.15 0.5 4 21.0 TAP 224(*)035 A 0.22 0.5 4 17.0 TAP 334(*)035 A 0.33 0.5 4 15.0 TAP 474(*)035 A 0.47 0.5 4 13.0 TAP 684(*)035 A 0.68 0.5 4 10.0 TAP 105(*)035 A 1.0 0.5 4 8.0 TAP 155(*)035 A 1.5 0.5 4 6.0 TAP 225(*)035 B 2.2 0.6 6 5.0 TAP 335(*)035 C 3.3 0.9 6 4.0 TAP 475(*)035 E 4.7 1.3 6 3.0 TAP 685(*)035 F 6.8 1.9 6 2.5 TAP 106(*)035 F 10 2.8 8 2.0 TAP 156(*)035 H 15 4.2 8 1.6 TAP 226(*)035 K 22 6.1 8 1.3 TAP 336(*)035 M 33 9.2 8 1.0 TAP 476(*)035 N 47 10.0 8 0.8 50 volt @ 85°C (33 volt @ 125°C) TAP 104(*)050 A 0.1 0.5 4 26.0 TAP 154(*)050 A 0.15 0.5 4 21.0 TAP 224(*)050 A 0.22 0.5 4 17.0 TAP 334(*)050 A 0.33 0.5 4 15.0 TAP 474(*)050 A 0.47 0.5 4 13.0 TAP 684(*)050 B 0.68 0.5 4 10.0 TAP 105(*)050 C 1.0 0.5 4 8.0 TAP 155(*)050 D 1.5 0.6 4 6.0 TAP 225(*)050 E 2.2 0.8 6 3.5 TAP 335(*)050 F 3.3 1.3 6 3.0 TAP 475(*)050 G 4.7 1.8 6 2.5 TAP 685(*)050 H 6.8 2.7 6 2.0 TAP 106(*)050 J 10 4.0 8 1.6 TAP 156(*)050 K 15 6.0 8 1.2 TAP 226(*)050 L 22 8.8 8 1.0 DCL DF ESR AVX Case Capacitance (μA) % Max. (Ω) Part No. Size μF Max. Max. @ 100 kHz 6.3 volt @ 85°C (4 volt @ 125°C) TAP 335(*)006 A 3.3 0.5 6 13.0 TAP 475(*)006 A 4.7 0.5 6 10.0 TAP 685(*)006 A 6.8 0.5 6 8.0 TAP 106(*)006 B 10 0.5 8 6.0 TAP 156(*)006 C 15 0.8 8 5.0 TAP 226(*)006 D 22 1.1 8 3.7 TAP 336(*)006 E 33 1.7 8 3.0 TAP 476(*)006 F 47 2.4 8 2.0 TAP 686(*)006 G 68 3.4 8 1.8 TAP 107(*)006 H 100 5.0 10 1.6 TAP 157(*)006 K 150 7.6 10 0.9 TAP 227(*)006 M 220 11.0 10 0.9 TAP 337(*)006 P 330 16.6 10 0.7 10 volt @ 85°C (6.3 volt @ 125°C) TAP 225(*)010 A 2.2 0.5 6 13.0 TAP 335(*)010 A 3.3 0.5 6 10.0 TAP 475(*)010 A 4.7 0.5 6 8.0 TAP 685(*)010 B 6.8 0.5 6 6.0 TAP 106(*)010 C 10 0.8 8 5.0 TAP 156(*)010 D 15 1.2 8 3.7 TAP 226(*)010 E 22 1.7 8 2.7 TAP 336(*)010 F 33 2.6 8 2.1 TAP 476(*)010 G 47 3.7 8 1.7 TAP 686(*)010 H 68 5.4 8 1.3 TAP 107(*)010 K 100 8.0 10 1.0 TAP 157(*)010 N 150 12.0 10 0.8 TAP 227(*)010 P 220 17.6 10 0.6 TAP 337(*)010 R 330 20.0 10 0.5 16 volt @ 85°C (10 volt @ 125°C) TAP 155(*)016 A 1.5 0.5 4 10.0 TAP 225(*)016 A 2.2 0.5 6 8.0 TAP 335(*)016 A 3.3 0.5 6 6.0 TAP 475(*)016 B 4.7 0.6 6 5.0 TAP 685(*)016 C 6.8 0.8 6 4.0 TAP 106(*)016 D 10 1.2 8 3.2 TAP 156(*)016 E 15 1.9 8 2.5 TAP 226(*)016 F 22 2.8 8 2.0 TAP 336(*)016 F 33 4.2 8 1.6 TAP 476(*)016 J 47 6.0 8 1.3 TAP 686(*)016 L 68 8.7 8 1.0 TAP 107(*)016 N 100 12.8 10 0.8 TAP 157(*)016 N 150 19.2 10 0.6 TAP 227(*)016 R 220 20.0 10 0.5 20 volt @ 85°C (13 volt @ 125°C) TAP 105(*)020 A 1.0 0.5 4 10.0 TAP 155(*)020 A 1.5 0.5 4 9.0 TAP 225(*)020 A 2.2 0.5 6 7.0 TAP 335(*)020 B 3.3 0.5 6 5.5 TAP 475(*)020 C 4.7 0.7 6 4.5 TAP 685(*)020 D 6.8 1.0 6 3.6 TAP 106(*)020 E 10 1.6 8 2.9 TAP 156(*)020 F 15 2.4 8 2.3 TAP 226(*)020 H 22 3.5 8 1.8 TAP 336(*)020 J 33 5.2 8 1.4 TAP 476(*)020 K 47 7.5 8 1.2 TAP 686(*)020 N 68 10.8 8 0.9 TAP 107(*)020 N 100 16.0 10 0.6 (*) Insert capacitance tolerance code; M for ±20%, K for ±10% and J for ±5% NOTE: Voltage ratings are minimum values. AVX reserves the right to supply high- er voltage ratings in the same case size. RATINGS AND PART NUMBER REFERENCE |
Similar Part No. - TAP685020 |
|
Similar Description - TAP685020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |