Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAP224035 Datasheet(PDF) 11 Page - AVX Corporation

Part # TAP224035
Description  Sectiom 3: Introduction Foreword
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP224035 Datasheet(HTML) 11 Page - AVX Corporation

Back Button TAP224035 Datasheet HTML 7Page - AVX Corporation TAP224035 Datasheet HTML 8Page - AVX Corporation TAP224035 Datasheet HTML 9Page - AVX Corporation TAP224035 Datasheet HTML 10Page - AVX Corporation TAP224035 Datasheet HTML 11Page - AVX Corporation TAP224035 Datasheet HTML 12Page - AVX Corporation TAP224035 Datasheet HTML 13Page - AVX Corporation TAP224035 Datasheet HTML 14Page - AVX Corporation TAP224035 Datasheet HTML 15Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MAY 2013
153
TAP/TEP Technical Summary and
Application Guidelines
1.4.4 Temperature dependence of the impedance and ESR
At 100 kHz, impedance and ESR behave identically and
decrease with increasing temperature as the typical curves
show. For maximum limits at high and low temperatures,
please refer to graph opposite.
1.5 DC LEAKAGE CURRENT (DCL)
1.5.1 Leakage current (DCL)
The leakage current is dependent on the voltage applied, the
time, and the capacitor temperature. It is measured
at +25°C with the rated voltage applied. A protective resist-
ance of 1000
is connected in series with the capacitor
in the measuring circuit.
Three minutes after application of the rated voltage the leak-
age current must not exceed the maximum values indicated
in the ratings table. Reforming is unnecessary even after pro-
longed periods without the application of voltage.
1.5.2 Temperature dependence of the leakage current
The leakage current increases with higher temperatures, typical
values are shown in the graph.
For operation between 85°C and 125°C, the maximum
working voltage must be derated and can be found from the
following formula.
V max = 1- (T-85)
x VR volts
120
where T is the required operating temperature. Maximum
limits are given in rating tables.
1.5.3 Voltage dependence of the leakage current
The leakage current drops rapidly below the value corre-
sponding to the rated voltage VR when reduced voltages are
applied. The effect of voltage derating on the leakage
current is shown in the graph.
This will also give a significant increase in reliability for any
application. See Section 3 (pages 155-157) for details.
1.5.4 Ripple current
The maximum ripple current allowance can be calculated from
the power dissipation limits for a given temperature rise above
ambient. Please refer to Section 2 (page 154) for details.
10
1
0.1
-55 -40 -20
0
20
40
60
80 100 125
Temperature
°C
Temperature Dependence of the
Leakage Current for a Typical Component
Effect of Voltage Derating on Leakage Current
1
0.1
0.01
020
40
60
80
100
% of Rated Voltage (VR)
TYPICAL
RANGE
1/35
10/35
47/35
100
10
1
0.1
-55
-40
-20
0
+20
+40
+60
+80 +100 +125
Temperature T (C)
Temperature Dependence of the
Impedance and ESR


Similar Part No. - TAP224035

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP224035 AVX-TAP224035 Datasheet
118Kb / 3P
   Dipped Radial Capacitors TAP Series
TAP224035 AVX-TAP224035 Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP224035 AVX-TAP224035 Datasheet
125Kb / 4P
   Dipped Radial Capacitors
More results

Similar Description - TAP224035

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP106M016CCS AVX-TAP106M016CCS Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP106M016SCS AVX-TAP106M016SCS Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP226K050CCS AVX-TAP226K050CCS Datasheet
390Kb / 16P
   Section 3: Introduction
TAP475M025CCS AVX-TAP475M025CCS Datasheet
337Kb / 16P
   Section 3: Introduction
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
logo
List of Unclassifed Man...
ECIO28 ETC2-ECIO28 Datasheet
3Mb / 9P
   Introduction
EC927 ETC2-EC927 Datasheet
3Mb / 9P
   Introduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com