Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7A-R6A33 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # B7A-R6A33
Description  CS1 Ordering Guide C200H Basic I/O Modules
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A33 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button B7A-R6A33 Datasheet HTML 4Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 5Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 6Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 7Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 8Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 9Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 10Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 11Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
CS1 Ordering Guide
485
C200H Basic I/O Modules
B7A Link Master Adapters for C200H High-density I/O Modules and Group-2 High-density I/O Modules
Item/Description
Part number
Appearance
I/O classification
I/O configuration
I/O delay (typical)
Internal I/O
Common
Error processing
Input, 16 points
NPN compatible
Normal speed 19.2 ms
NA
B7A-T6E3
,
High speed 3 ms
NA
B7A-T6E8
Output, 16 points
NPN open collector
50
A/
i t
Normal speed 19.2 ms
NA
HOLD
B7A-R6A13
,
50 mA/point
LOAD OFF
B7A-R6A33
High speed 3 ms
NA
HOLD
B7A-R6A18
g
LOAD OFF
B7A-R6A38
Input, 32 points
NPN compatible
Normal speed 19.2 ms
NA
B7A-T3E3
,
High speed 3 ms
NA
B7A-T3E8
Output, 32 points
NPN open collector
50
A/
i t
Normal speed 19.2 ms
NA
HOLD
B7A-R3A13
,
50 mA/point
LOAD OFF
B7A-R3A33
High speed 3 ms
NA
HOLD
B7A-R3A18
g
LOAD OFF
B7A-R3A38


Similar Part No. - B7A-R6A33

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B7A OMRON-B7A Datasheet
1Mb / 121P
   Wiring-reduction Units
B7AH OMRON-B7AH Datasheet
1Mb / 121P
   Wiring-reduction Units
B7AH-R6D53 OMRON-B7AH-R6D53 Datasheet
1Mb / 121P
   Wiring-reduction Units
B7AH-R6D58 OMRON-B7AH-R6D58 Datasheet
1Mb / 121P
   Wiring-reduction Units
B7AH-T6D3 OMRON-B7AH-T6D3 Datasheet
1Mb / 121P
   Wiring-reduction Units
More results

Similar Description - B7A-R6A33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com