Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT325U7EFR8A Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT325U7EFR8A
Description  DDR3L SDRAM Unbuffered DIMMs Based on 2Gb E-Die
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT325U7EFR8A Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT325U7EFR8A Datasheet HTML 7Page - Hynix Semiconductor HMT325U7EFR8A Datasheet HTML 8Page - Hynix Semiconductor HMT325U7EFR8A Datasheet HTML 9Page - Hynix Semiconductor HMT325U7EFR8A Datasheet HTML 10Page - Hynix Semiconductor HMT325U7EFR8A Datasheet HTML 11Page - Hynix Semiconductor HMT325U7EFR8A Datasheet HTML 12Page - Hynix Semiconductor HMT325U7EFR8A Datasheet HTML 13Page - Hynix Semiconductor HMT325U7EFR8A Datasheet HTML 14Page - Hynix Semiconductor HMT325U7EFR8A Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Rev. 1.3 / Jul. 2013
11
Functional Block Diagram
2GB, 256Mx72 Module(1Rank of x8)
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM
I/O 0
I/O 1
I/O 2
I/O 3
D0
DM0
I/O 4
I/O 5
I/O 6
I/O 7
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DM
I/O 0
I/O 1
I/O 2
I/O 3
D1
I/O 4
I/O 5
I/O 6
DM1
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DM
I/O 0
I/O 1
I/O 2
I/O 3
D2
I/O 4
I/O 5
I/O 6
I/O 7
DM2
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DM
I/O 0
I/O 1
I/O 2
I/O 3
D3
I/O 4
I/O 5
I/O 6
I/O 7
DM3
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DM
I/O 0
I/O 1
I/O 2
I/O 3
D4
DM4
I/O 4
I/O 5
I/O 6
I/O 7
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DM
I/O 0
I/O 1
I/O 2
I/O 3
D5
I/O 4
I/O 5
I/O 6
I/O 7
DM5
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DM
I/O 0
I/O 1
I/O 2
I/O 3
D6
I/O 4
I/O 5
I/O 6
I/O 7
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DM
I/O 0
I/O 1
I/O 2
I/O 3
D7
I/O 4
I/O 5
I/O 6
I/O 7
DM7
A0
SPD(TS integrated)
A1
SA0
SA1
SDA
S0
CS
CS
CS
CS
CS
CS
CS
CS
DQS0
DQS
DQS4
DQS1
DQS5
DQS
DQS2
DQS
DQS3
DQS
DM6
DQS6
DQS7
DQ15
I/O 7
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DM
I/O 0
I/O 1
I/O 2
I/O 3
D8
I/O 4
I/O 5
I/O 6
I/O 7
CS
DQS8
DM8
DQS
DQS
DQS
DQS
DQS
SCL
EVENT
DQS0
DQS
DQS
DQS4
DQS1
DQS
DQS
DQS2
DQS
DQS3
DQS
DQS8
DQS
DQS5
DQS6
DQS
DQS7
DQS
SA2
A2
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
EVENT
A0–A15
A0–A15: SDRAMs D0–D8
RAS
RAS: SDRAMs D0–D8
CAS
CAS: SDRAMs D0–D8
CKE0
CKE: SDRAMs D0–D8
WE
WE: SDRAMs D0–D8
BA0–BA2
BA0–BA2: SDRAMs D0–D8
VSS
D0–D8
VDD/VDDQ
D0–D8
D0–D8
VREFDQ
SPD
VDDSPD
ODT0
ODT: SDRAMs D0–D8
CK0
CK: SDRAMs D0–D8
VREFCA
D0–D8
CK0CK: SDRAMs D0–D8
RESET
RESET: SDRAMs D0-D8
Notes:
1. DQ-to-I/O wiring is shown as recom-
mended but may be changed.
2. DQ/DQS/DQS/ODT/DM/CKE/S rela-
tionships must be maintained as
shown.
3. DQ,CB,DM,DQS/DQS resistors;Refer
to associated topology diagram.
4. Refer to the appropriate clock wiring
topology under the DIMM wiring
details section of this document.
5. For each DRAM, a unique ZQ resistor
is connected to ground.The ZQ resis-
tor is 240ohm+-1%
6. One SPD exists per module.


Similar Part No. - HMT325U7EFR8A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325U7EFR8C-H9 HYNIX-HMT325U7EFR8C-H9 Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT325U7EFR8C-PB HYNIX-HMT325U7EFR8C-PB Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT325U7EFR8C-RD HYNIX-HMT325U7EFR8C-RD Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
More results

Similar Description - HMT325U7EFR8A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325U7CFR8A HYNIX-HMT325U7CFR8A Datasheet
1,013Kb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT325S6EFR8A HYNIX-HMT325S6EFR8A Datasheet
1,022Kb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb E-die
HMT41GU6MFR8A HYNIX-HMT41GU6MFR8A Datasheet
1Mb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT425U6AFR6A HYNIX-HMT425U6AFR6A Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT451U6DFR8A HYNIX-HMT451U6DFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb D-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT451U6BFR8A HYNIX-HMT451U6BFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb B-Die
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com