Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY44A-SSUR Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATTINY44A-SSUR
Description  8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY44A-SSUR Datasheet(HTML) 5 Page - ATMEL Corporation

  ATTINY44A-SSUR Datasheet HTML 1Page - ATMEL Corporation ATTINY44A-SSUR Datasheet HTML 2Page - ATMEL Corporation ATTINY44A-SSUR Datasheet HTML 3Page - ATMEL Corporation ATTINY44A-SSUR Datasheet HTML 4Page - ATMEL Corporation ATTINY44A-SSUR Datasheet HTML 5Page - ATMEL Corporation ATTINY44A-SSUR Datasheet HTML 6Page - ATMEL Corporation ATTINY44A-SSUR Datasheet HTML 7Page - ATMEL Corporation ATTINY44A-SSUR Datasheet HTML 8Page - ATMEL Corporation ATTINY44A-SSUR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
8183FS–AVR–06/12
ATtiny24A/44A/84A
The ATtiny24A/44A/84A provides the following features: 2K/4K/8K byte of In-System Program-
mable Flash, 128/256/512 bytes EEPROM, 128/256/512 bytes SRAM, 12 general purpose I/O
lines, 32 general purpose working registers, an 8-bit Timer/Counter with two PWM channels, a
16-bit timer/counter with two PWM channels, Internal and External Interrupts, a 8-channel 10-bit
ADC, programmable gain stage (1x, 20x) for 12 differential ADC channel pairs, a programmable
Watchdog Timer with internal oscillator, internal calibrated oscillator, and four software select-
able power saving modes. Idle mode stops the CPU while allowing the SRAM, Timer/Counter,
ADC, Analog Comparator, and Interrupt system to continue functioning. ADC Noise Reduction
mode minimizes switching noise during ADC conversions by stopping the CPU and all I/O mod-
ules except the ADC. In Power-down mode registers keep their contents and all chip functions
are disbaled until the next interrupt or hardware reset. In Standby mode, the crystal/resonator
oscillator is running while the rest of the device is sleeping, allowing very fast start-up combined
with low power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology. The on-
chip ISP Flash allows the Program memory to be re-programmed in-system through an SPI
serial interface, by a conventional non-volatile memory programmer or by an on-chip boot code
running on the AVR core.
The ATtiny24A/44A/84A AVR is supported with a full suite of program and system development
tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators and Evaluation
kits.


Similar Part No. - ATTINY44A-SSUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY44A-SSUR ATMEL-ATTINY44A-SSUR Datasheet
703Kb / 22P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY44A-SSUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51_11 Datasheet
4Mb / 113P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S4434 ATMEL-AT90S4434 Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATMEGA4HVD ATMEL-ATMEGA4HVD Datasheet
286Kb / 18P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY84A ATMEL-ATTINY84A_14 Datasheet
4Mb / 85P
   2K/4K/8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com