Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8110 Datasheet(PDF) 1 Page - Power-One

Part # DP8110
Description  8V to 14V Input, 0.7V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DP8110 Datasheet(HTML) 1 Page - Power-One

  DP8110 Datasheet HTML 1Page - Power-One DP8110 Datasheet HTML 2Page - Power-One DP8110 Datasheet HTML 3Page - Power-One DP8110 Datasheet HTML 4Page - Power-One DP8110 Datasheet HTML 5Page - Power-One DP8110 Datasheet HTML 6Page - Power-One DP8110 Datasheet HTML 7Page - Power-One DP8110 Datasheet HTML 8Page - Power-One DP8110 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
DP8110 10A DC-DC Intelligent dPOL Data Sheet
8V to 14V Input •••• 0.7V to 5.5V Output
BCD.00262 Rev. 1.0, 12 FEB 2013
www.power-one.com
Page 1 of 34
Applications
Low voltage, high density systems with
Intermediate Bus Architectures (IBA)
Point-of-load regulators for high performance DSP,
FPGA, ASIC, and microprocessor applications
Desktops, servers, and portable computing
Broadband, networking, optical, and
communications systems
Benefits
Integrates digital power conversion with intelligent
power management
Eliminates the need for external power
management components
Programmable via industry-standard I
2C
communication bus (DPM required)
Reduce the number of discrete parts within a
power system.
Reduces board space, system cost, complexity
and time to market
Features
Input voltage range: 8V–14V
High continuous output current: 10A
Wide digitally programmable output voltage range:
0.7V–5.5V
Single-wire serial communication bus between dPOL
and Digital Power Manager (DPM)
Programmable dynamic output voltage positioning for
better load transient response
Overcurrent, overvoltage, undervoltage, and
overtemperature protections with programmable
thresholds and hiccup or latching modes
Programmable fixed switching frequency:
500KHz or 1.0MHz
Programmable switching frequency phasing
Programmable turn-on and turn-off delays
Programmable turn-on and turn-off output voltage
slew rates with tracking protection
Auto Compensation
In-System Loop Identification (SysID) through
pseudo-random noise injection
Power Good signal with programmable threshold and
delay.
Advance fault management and propagation
Start up into pre-biased load
Real time voltage, current, and temperature
measurements, monitoring, and reporting
Industry standard size through-hole single-in-line
package: 1.2”x0.26”
Low height of 0.84”Footprint
Compatible with conventional pick-and-place
equipment
Wide operating temperature range -40°C - 85°C
UL 60950-1/CSA 22.2 No. 60950-1-07 Second
Edition, IEC 60950-1: 2005, and EN 60950-1:2006
(pending)
Description
Power-One’s DP8110 is an intelligent, fully programmable step-down point-of-load DC-DC converter integrating
digital power conversion and intelligent power management. The dPOL is used in conjunction with DM73xx Series
Digital Power Manager (DPM), and completely eliminates the need for external components for output voltage
setting, sequencing, tracking, protection, monitoring, error amplifier compensation and reporting. All performance
parameters of the DP8110 are programmable and managed through Digital Power Manager via the industry-
standard I
2C communication bus and can be changed by a user at any time during product development and
operation. Telemetry data is available in real time and can be accessed over the I²C bus.


Similar Part No. - DP8110

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP810 3M-DP810 Datasheet
190Kb / 7P
   Scotch-Weld??Low Odor Acrylic Adhesives
logo
Power-One
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
logo
3M Electronics
DP810NS 3M-DP810NS Datasheet
190Kb / 7P
   Scotch-Weld??Low Odor Acrylic Adhesives
More results

Similar Description - DP8110

ManufacturerPart #DatasheetDescription
logo
Power-One
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
logo
Rohm
BP5450 ROHM-BP5450 Datasheet
1Mb / 8P
   8V to 16V Input , 1.5 to 5V/1.2A output
logo
Monolithic Power System...
MP8126 MPS-MP8126 Datasheet
313Kb / 13P
   550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
logo
Power-One
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
logo
Maxim Integrated Produc...
MAX8751EVKIT MAXIM-MAX8751EVKIT Datasheet
320Kb / 9P
   8V to 24V Input Range
Rev 0; 1/06
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
   4V to 14V Input Range
Rev 0; 6/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com