Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT451U7AFR8C-PB Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMT451U7AFR8C-PB
Description  DDR3 SDRAM Unbuffered DIMMs Based on 4Gb A-Die
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT451U7AFR8C-PB Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMT451U7AFR8C-PB Datasheet HTML 1Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 2Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 3Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 4Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 5Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 6Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 7Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 8Page - Hynix Semiconductor HMT451U7AFR8C-PB Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Rev. 1.1 / Jul. 2013
3
Description
SK hynix Unbuffered DDR3 SDRAM DIMMs (Unbuffered Double Data Rate Synchronous DRAM Dual In-Line
Memory Modules) are low power, high-speed operation memory modules that use DDR3 SDRAM devices.
These Unbuffered SDRAM DIMMs are intended for use as main memory when installed in systems such as
PCs and workstations.
Feature
• VDD=1.5V +/- 0.075V
• VDDQ=1.5V +/- 0.075V
• VDDSPD=3.0V to 3.6V
• 8 internal banks
• Data transfer rates: PC3-14900, PC3-12800, PC3-10600,PC3-8600
• Bi-directional Differential Data Strobe
• 8 bit pre-fetch
• Burst Length (BL) switch on-the-fly: BL 8 or BC (Burst Chop) 4
• Supports ECC error correction and detection
• On Die Termination (ODT) supported
• Temperature sensor with integrated SPD (Serial Presence Detect) EEPROM
• This product is in Compliance with the RoHS directive
Ordering Information
Part Number
Density
Organization
Component Composition
# of
ranks
FDHS
HMT425U6AFR6C-G7/H9/PB/RD
2GB
256Mx64
256Mx16(H5TQ4G63AFR)*4
1
X
HMT451U6AFR8C-G7/H9/PB/RD
4GB
512Mx64
512Mx8(H5TQ4G83AFR)*8
1
X
HMT451U7AFR8C-G7/H9/PB/RD
4GB
512Mx72
512Mx8(H5TQ4G83AFR)*9
1
X
HMT41GU6AFR8C-G7/H9/PB/RD
8GB
1Gx64
512Mx8(H5TQ4G83AFR)*16
2
X
HMT41GU7AFR8C-G7/H9/PB/RD
8GB
1Gx72
512Mx8(H5TQ4G83MFR)*18
2
X


Similar Part No. - HMT451U7AFR8C-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451U7AFR8A-G7 HYNIX-HMT451U7AFR8A-G7 Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT451U7AFR8A-H9 HYNIX-HMT451U7AFR8A-H9 Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT451U7AFR8A-PB HYNIX-HMT451U7AFR8A-PB Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
More results

Similar Description - HMT451U7AFR8C-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT425U6AFR6A HYNIX-HMT425U6AFR6A Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT41GU6MFR8A HYNIX-HMT41GU6MFR8A Datasheet
1Mb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT451U6DFR8A HYNIX-HMT451U6DFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb D-Die
HMT451U6BFR8A HYNIX-HMT451U6BFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb B-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT425S6MFR6C HYNIX-HMT425S6MFR6C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com