Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY861A-XUR Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATTINY861A-XUR
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY861A-XUR Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY861A-XUR Datasheet HTML 7Page - ATMEL Corporation ATTINY861A-XUR Datasheet HTML 8Page - ATMEL Corporation ATTINY861A-XUR Datasheet HTML 9Page - ATMEL Corporation ATTINY861A-XUR Datasheet HTML 10Page - ATMEL Corporation ATTINY861A-XUR Datasheet HTML 11Page - ATMEL Corporation ATTINY861A-XUR Datasheet HTML 12Page - ATMEL Corporation ATTINY861A-XUR Datasheet HTML 13Page - ATMEL Corporation ATTINY861A-XUR Datasheet HTML 14Page - ATMEL Corporation ATTINY861A-XUR Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
8197CS–AVR–05/11
ATtiny261A/461A/861A
6.
Ordering Information
Notes:
1. Code indicators:
– N or U: matte tin
– R: tape & reel
2. All packages are Pb-free, halide-free and fully green and they comply with the European directive for Restriction of Hazard-
ous Substances (RoHS).
3. These devices can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering informa-
tion and minimum quantities.
4. For typical and electrical characteristics of this device please consult “Appendix A – ATtiny261A Specification at 105
°C”.
6.1
ATtiny261A
Speed (MHz)
Power Supply
Ordering Code (1)
Package (2)
Operational Range
20
1.8 – 5.5V
ATtiny261A-MU
ATtiny261A-MUR
ATtiny261A-PU
ATtiny261A-SU
ATtiny261A-SUR
ATtiny261A-XU
ATtiny261A-XUR
32M1-A
32M1-A
20P3
20S2
20S2
20X
20X
Industrial
(-40
°C to +85°C) (3)
20
1.8 – 5.5V
ATtiny261A-MN
ATtiny261A-MNR
32M1-A
32M1-A
Industrial
(-40
°C to +105°C) (4)
Package Type
32M1-A
32-pad, 5 x 5 x 1.0 mm Body, Lead Pitch 0.50 mm, Micro Lead Frame Package (MLF)
20P3
20-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
20S2
20-lead, 0.300" Wide, Plastic Gull Wing Small Outline Package (SOIC)
20X
20-lead, 4.4 mm Wide, Plastic Thin Shrink Small Outline Package (TSSOP)


Similar Part No. - ATTINY861A-XUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY861A-SU ATMEL-ATTINY861A-SU Datasheet
612Kb / 22P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY861A-XUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_06 Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_09 Datasheet
3Mb / 196P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261A ATMEL-ATTINY261A_1 Datasheet
8Mb / 292P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-15SZ ATMEL-ATTINY25-15SZ Datasheet
3Mb / 196P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_08 Datasheet
562Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY861A-SU ATMEL-ATTINY861A-SU Datasheet
612Kb / 22P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25 Datasheet
146Kb / 16P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_1 Datasheet
4Mb / 236P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_09 Datasheet
544Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_07 Datasheet
287Kb / 21P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com