Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX5700432PZQQ1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMX5700432PZQQ1
Description  TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX5700432PZQQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMX5700432PZQQ1 Datasheet HTML 6Page - Texas Instruments TMX5700432PZQQ1 Datasheet HTML 7Page - Texas Instruments TMX5700432PZQQ1 Datasheet HTML 8Page - Texas Instruments TMX5700432PZQQ1 Datasheet HTML 9Page - Texas Instruments TMX5700432PZQQ1 Datasheet HTML 10Page - Texas Instruments TMX5700432PZQQ1 Datasheet HTML 11Page - Texas Instruments TMX5700432PZQQ1 Datasheet HTML 12Page - Texas Instruments TMX5700432PZQQ1 Datasheet HTML 13Page - Texas Instruments TMX5700432PZQQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
TMS570LS0432
TMS570LS0332
SPNS186 – OCTOBER 2012
www.ti.com
2.2.5
Multi-Buffered Serial Peripheral Interface (MibSPI1)
Table 2-5. Multi-Buffered Serial Peripheral Interface (MibSPI1)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
100
PZ
MIBSPI1CLK
67
I/O
Pull Up
Programmable,
MibSPI1 Serial Clock, or GPIO
20uA
MIBSPI1nCS[0]
73
MibSPI1 Chip Select, or GPIO
MIBSPI1nCS[1]/EQEPS/N2HET
93
[17]
MIBSPI1nCS[2]/N2HET[20]/N2
27
HET[19]
MIBSPI1nCS[3]/N2HET[26]
39
MIBSPI1nENA/N2HET[23]/N2H
68
MibSPI1 Enable, or GPIO
ET[30]
MIBSPI1SIMO
65
MibSPI1 Slave-In-Master-Out, or GPIO
MIBSPI1SOMI
66
MibSPI1 Slave-Out-Master-In, or GPIO
2.2.6
Standard Serial Peripheral Interface (SPI2)
Table 2-6. Standard Serial Peripheral Interface (SPI2)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
100
PZ
SPI2CLK
71
I/O
Pull Up
Programmable,
SPI2 Serial Clock, or GPIO
20uA
SPI2nCS[0]
23
SPI2 Chip Select, or GPIO
GIOA[6]/SPI2nCS[1]/NHET[31]
12
GIOA[4]/SPI2nCS[2]
9
GIOA[3]/SPI2nCS[3]
8
SPI2SIMO
70
SPI2 Slave-In-Master-Out, or GPIO
SPI2SOMI
69
SPI2 Slave-Out-Master-In, or GPIO
The drive strengths for the SPI2CLK, SPI2SIMO and SPI2SOMI signals are selected individually by configuring the respective SRS bits of
the SPIPC9 register fo SPI2.
SRS = 0 for 8mA drive (fast). This is the default mode as the SRS bits in the SPIPC9 register default to 0.
SRS = 1 for 2mA drive (slow)
SPI3CLK/EQEPA
36
I/O
Pull Up
Programmable,
SPI3 Serial Clock, or GPIO
20uA
SPI3nCS[0]/EQEPI
38
SPI3 Chip Select, or GPIO
GIOA[2]/SPI3nCS[1]
5
GIOA[1]/SPI3nCS[2]
2
GIOA[0]/SPI3nCS[3]
1
SPI3nENA/EQEPB
37
SPI3 Enable, or GPIO
SPI3SIMO
35
SPI3 Slave-In-Master-Out, or GPIO
SPI3SOMI
34
SPI3 Slave-Out-Master-In, or GPIO
10
Device Package and Terminal Functions
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332


Similar Part No. - TMX5700432PZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX5700714APZQQ1 TI1-TMX5700714APZQQ1 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMX5700714APZQQ1 TI1-TMX5700714APZQQ1 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMX5700714APZQQ1 TI1-TMX5700714APZQQ1 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMX5700914APZQQ1 TI1-TMX5700914APZQQ1 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMX5700914APZQQ1 TI1-TMX5700914APZQQ1 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMX5700432PZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com