Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS5700332APZQQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS5700332APZQQ1
Description  TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS5700332APZQQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TMS5700332APZQQ1 Datasheet HTML 1Page - Texas Instruments TMS5700332APZQQ1 Datasheet HTML 2Page - Texas Instruments TMS5700332APZQQ1 Datasheet HTML 3Page - Texas Instruments TMS5700332APZQQ1 Datasheet HTML 4Page - Texas Instruments TMS5700332APZQQ1 Datasheet HTML 5Page - Texas Instruments TMS5700332APZQQ1 Datasheet HTML 6Page - Texas Instruments TMS5700332APZQQ1 Datasheet HTML 7Page - Texas Instruments TMS5700332APZQQ1 Datasheet HTML 8Page - Texas Instruments TMS5700332APZQQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
TMS570LS0432
TMS570LS0332
www.ti.com
SPNS186 – OCTOBER 2012
TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
Check for Samples: TMS570LS0432
1
TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
1.1
Features
1
• High-Performance Automotive Grade
• Multiple Communication Interfaces
Microcontroller for Safety Critical Applications
– Two CAN Controllers (DCAN)
– Dual CPU’s Running in Lockstep
DCAN1 - 32 Mailboxes with Parity
– ECC on Flash and RAM interfaces
Protection
– Built-In Self Test for CPU and On-chip RAMs
DCAN2 - 16 Mailboxes with Parity
Protection
– Error Signaling Module with Error Pin
Compliant to CAN protocol Version 2.0B
– Voltage and Clock Monitoring
– Multi-buffered Serial Peripheral Interface
• ARM® Cortex™ – R4 32-bit RISC CPU
(MibSPI)
– Efficient 1.66DMIPS/MHz with 8-stage
128 Words with Parity Protection
Pipeline
– Two Standard Serial Peripheral Interfaces
– 8-Region Memory Protection Unit
(SPI)
– Open Architecture with 3rd Party Support
– UART (SCI) interface with Local Network
• Operating Conditions
Interface (LIN 2.1) support
– 80MHz System Clock
• High-End Timer Module (N2HET)
– Core Supply Voltage (VCC): 1.2V nominal
– Up to 19 Programmable Pins
– I/O Supply Voltage (VCCIO): 3.3V nominal
– 128 Word Instruction RAM with Parity
– ADC Supply Voltage (VCCAD): 3.3V Nominal
Protection
• Integrated Memory
– Each Includes Hardware Angle Generator
– Up to 384kB Program Flash with ECC
– Dedicated Transfer Unit (HTU)
– 32kB RAM with ECC
• Enhanced Quadrature Encoder Pulse (eQEP)
– 16kB Flash for Emulated EEPROM with ECC
– Motor Position Encoder Interface
• Common Platform Architecture
• 12-bit Multi-Buffered ADC Module
– Consistent Memory Map Across Family
– 16channels
– Real-Time Interrupt Timer (RTI) OS Timer
– 64 Result Buffers with Parity Protection
– 96-channel Vectored Interrupt Module (VIM)
• Up to 45 general purpose I/O (GIO) capable
– 2-channel Cyclic Redundancy Checker (CRC)
pins
• Frequency-Modulated Phase-Locked-Loop
– 8 Dedicated General-Purpose I/O (GIO) Pins
(FMPLL) with Built-In Slip Detector
with up to 8 External Interrupts
• IEEE 1149.1 JTAG, Boundary Scan and ARM
• Packages
CoreSight Components
– 100-pin Quad Flatpack (PZ) [Green]
• Advanced JTAG Security Module (AJSM)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative or design phase of
Copyright © 2012, Texas Instruments Incorporated
development. Characteristic data and other specifications are design goals. Texas
Instruments reserves the right to change or discontinue these products without notice.


Similar Part No. - TMS5700332APZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5700332BPZQQ1 TI1-TMS5700332BPZQQ1 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS5700332BPZQQ1 TI1-TMS5700332BPZQQ1 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS5700332PZQQ1 TI1-TMS5700332PZQQ1 Datasheet
232Kb / 4P
[Old version datasheet]   Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
More results

Similar Description - TMS5700332APZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com