Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM15AX601SN1 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # BLM15AX601SN1
Description  SMD/BLOCK Type EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM15AX601SN1 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button BLM15AX601SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM15AX601SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM15AX601SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLM15AX601SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM15AX601SN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM15AX601SN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLM15AX601SN1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLM15AX601SN1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLM15AX601SN1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
22
High Spec Ferrite Bead Ultra low dc resistance and wide impedance line up. Fit for both power lines and signal lines.
BLM03AXSeries (0201 Size)
BLM Series
Universal Type [Power Lines/Signal Lines] Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
s Impedance-Frequency Characteristics
BLM03AX100SN1
BLM03AX800SN1
BLM03AX121SN1
Refer to pages from p.91 to p.94 for mounting information.
BLM03AX
Number of Circuits: 1
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
15000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM03AX100SN1p
10ohm(Typ.)
1000mA
0.05ohm max.
-55
°C to +125°C
BLM03AX800SN1p
80ohm
±25%
500mA
0.18ohm max.
-55
°C to +125°C
BLM03AX121SN1p
120ohm
±25%
450mA
0.23ohm max.
-55
°C to +125°C
BLM03AX241SN1p
240ohm
±25%
350mA
0.38ohm max.
-55
°C to +125°C
BLM03AX601SN1p
600ohm
±25%
250mA
0.85ohm max.
-55
°C to +125°C
BLM03AX102SN1p
1000ohm
±25%
200mA
1.25ohm max.
-55
°C to +125°C
0.6
±0.03
0.3
±0.03
0.15
±0.05
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
1500
1250
1000
750
500
250
0
BLM03AX241SN1
BLM03AX100SN1
BLM03AX800SN1
BLM03AX121SN1
BLM03AX102SN1
BLM03AX601SN1
1
10
100
1000
3000
Frequency (MHz)
0
4
8
12
16
X
R
Z
1
10
100
1000
3000
Frequency (MHz)
0
50
100
150
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
60
120
240
180
Z
R
X
(Resistance element becomes dominant
at high frequencies.)


Similar Part No. - BLM15AX601SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15AX601SN1 MURATA-BLM15AX601SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM15AX601SN1 MURATA-BLM15AX601SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM15AX601SN1 MURATA-BLM15AX601SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM15AX601SN1 MURATA-BLM15AX601SN1 Datasheet
106Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AX601SN1 MURATA1-BLM15AX601SN1 Datasheet
248Kb / 4P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
More results

Similar Description - BLM15AX601SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com