Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX5700432APZQQ1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMX5700432APZQQ1
Description  TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX5700432APZQQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMX5700432APZQQ1 Datasheet HTML 2Page - Texas Instruments TMX5700432APZQQ1 Datasheet HTML 3Page - Texas Instruments TMX5700432APZQQ1 Datasheet HTML 4Page - Texas Instruments TMX5700432APZQQ1 Datasheet HTML 5Page - Texas Instruments TMX5700432APZQQ1 Datasheet HTML 6Page - Texas Instruments TMX5700432APZQQ1 Datasheet HTML 7Page - Texas Instruments TMX5700432APZQQ1 Datasheet HTML 8Page - Texas Instruments TMX5700432APZQQ1 Datasheet HTML 9Page - Texas Instruments TMX5700432APZQQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
TMS570LS0432
TMS570LS0332
SPNS186 – OCTOBER 2012
www.ti.com
1
TMS570LS0432/0332 16/32-Bit RISC Flash
4.7
Glitch Filters
........................................ 39
Microcontroller
.......................................... 1
4.8
Device Memory Map
................................ 40
1.1
Features
............................................. 1
4.9
Flash Memory
...................................... 46
1.2
Applications
.......................................... 2
4.10
Flash Program and Erase Timings for Program
Flash
................................................ 48
1.3
Description
........................................... 3
4.11
Flash Program and Erase Timings for Data Flash
. 48
1.4
Functional Block Diagram
........................... 5
4.12
Tightly-Coupled RAM Interface Module
............ 49
2
Device Package and Terminal Functions
.......... 7
4.13
Parity Protection for Accesses to peripheral RAMs
49
2.1
PZ QFP Package Pinout (100-Pin)
.................. 7
4.14
On-Chip SRAM Initialization and Testing
........... 51
2.2
Terminal Functions
................................... 8
4.15
Vectored Interrupt Manager
........................ 53
2.3
Output Multiplexing and Control
.................... 15
4.16
Real Time Interrupt Module
........................ 55
2.4
Special Multiplexed Options
........................ 16
4.17
Error Signaling Module
............................. 57
3
Device Operating Conditions
....................... 17
3.1
Absolute Maximum Ratings Over Operating Free-
4.18
Reset / Abort / Error Sources
...................... 61
Air Temperature Range,
............................ 17
4.19
Digital Windowed Watchdog
....................... 62
3.2
Device Recommended Operating Conditions
...... 17
4.20
Debug Subsystem
.................................. 63
3.3
Switching Characteristics over Recommended
5
Peripheral Information and Electrical
Operating Conditions for Clock Domains
.......... 18
Specifications
.......................................... 67
3.4
Wait States Required
............................... 18
5.1
Peripheral Legend
.................................. 67
3.5
Power Consumption Over Recommended
5.2
Multi-Buffered 12-bit Analog-to-Digital Converter
.. 67
Operating Conditions
............................... 19
5.3
General-Purpose Input/Output
..................... 75
3.6
Input/Output Electrical Characteristics Over
5.4
Enhanced High-End Timer (N2HET)
............... 76
Recommended Operating Conditions
.............. 20
5.5
Controller Area Network (DCAN)
................... 79
3.7
Output Buffer Drive Strengths
...................... 20
5.6
Local Interconnect Network Interface (LIN)
........ 80
3.8
Input Timings
....................................... 21
5.7
Multi-Buffered / Standard Serial Peripheral Interface
3.9
Output Timings
..................................... 21
...................................................... 81
4
System Information and Electrical Specifications
5.8
Enhanced Quadrature Encoder (eQEP)
............ 91
............................................................. 23
6
Device and Documentation Support
............... 93
4.1
Voltage Monitor Characteristics
.................... 23
6.1
Device and Development-Support Tool
4.2
Power Sequencing and Power On Reset
.......... 24
Nomenclature
....................................... 93
4.3
Warm Reset (nRST)
................................ 26
6.2
Device Identification
................................ 94
4.4
ARM© Cortex-R4™ CPU Information
.............. 27
7
Mechanical Data
....................................... 97
4.5
Clocks
.............................................. 30
7.1
Thermal Data
....................................... 97
4.6
Clock Monitoring
.................................... 37
7.2
Packaging Information
.............................. 97
6
Contents
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332


Similar Part No. - TMX5700432APZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX5700714APZQQ1 TI1-TMX5700714APZQQ1 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMX5700714APZQQ1 TI1-TMX5700714APZQQ1 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMX5700714APZQQ1 TI1-TMX5700714APZQQ1 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMX5700914APZQQ1 TI1-TMX5700914APZQQ1 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMX5700914APZQQ1 TI1-TMX5700914APZQQ1 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMX5700432APZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com