Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240751B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 240751B
Description  85.0 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

240751B Datasheet(HTML) 2 Page - Integrated Technology Future

  240751B Datasheet HTML 1Page - Integrated Technology Future 240751B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
85.0 MHz SAW Filter
Part Number 240751B
Tel: 82-32-621-1213
2010. 04. 01
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃ )
1dB Bandwidth & Ripple
3dB Bandwidth & Group Delay
40dB Bandwidth
Wide band Properties
Smith Chart(S11 & S22)
SWR(S11 & S22)
CH1 S11
SWR
5 /
REF 0
CENTER 85. 000 000 MHz
SPAN 30. 000 000 MHz
Cor
PRm
CH3 S22
SWR
5 /
REF 0
27 Aug 2009 20:31:19
1
1: 1. 5040
85. 000 000 MHz
2
2: 1. 1238
85. 000 000 MHz
CH1 S11
1 U FS
CENTER 85. 000 000 MHz
SPAN 30. 000 000 MHz
Cor
PRm
CH3 S22
1 U FS
27 Aug 2009 20:30:53
1
1: 34. 117
6. 1699
11. 553 nH
85. 000 000 MHz
2
2: 55. 453
3. 0332
5. 6794 nH
85. 000 000 MHz
CH1 S21
LOG
10 dB/
REF -7.2 dB
START . 010 000 MHz
STOP 600. 000 000 MHz
PRm
27 Aug 2009 20:35:56
1
1:-7 . 5555 dB
85. 000 000 MHz
CH1 PASS
CH1 S21
LOG
10 dB/
REF -7.2 dB
CENTER 85. 000 000 MHz
SPAN 30. 000 000 MHz
Cor
PRm
27 Aug 2009 20:29:47
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
:
10. 556794 MHz
cent :
85. 138200 MHz
Q: 8. 0648
1_loss : -7 . 3797 dB
CH2 S21
LOG
1 dB/ REF -7.2 dB
CENTER 85. 000 000 MHz
SPAN 10. 000 000 MHz
Cor
PRm
CH4 S21
DEL
100 ns/
REF 1.03 us
Smo
27 Aug 2009 20:30:04
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW
:
7. 766040 MHz
cent :
84. 995604 MHz
Q: 10. 945
1_loss : -7 . 3690 dB
4
2
3
3:-31 . 967 ns
6. 000 000 MHz
REF=2
CH4 Markers
mean: 1. 0693 us
s. dev : 10. 377 ns
p-p : 53. 940 ns
CH2 S21
LOG
1 dB/ REF -7.2 dB
CENTER 85. 000 000 MHz
SPAN 10. 000 000 MHz
Cor
PRm
CH4 S21
LOG
1 dB/ REF -7.2 dB
27 Aug 2009 20:30:25
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW
:
6. 959749 MHz
cent :
84. 977596 MHz
Q: 12. 210
1_loss : -7 . 3680 dB
4
2
3
3:- . 05970 dB
6. 000 000 MHz
REF=2
CH4 Markers
mean:-7 . 4146 dB
s. dev : . 09050 dB
p-p : . 40750 dB


Similar Part No. - 240751B

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
240750 LEMO-240750 Datasheet
69Kb / 4P
   B - Indoor keyed
More results

Similar Description - 240751B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
241907B ITF-241907B Datasheet
161Kb / 2P
   85.0 MHz SAW Filter
logo
Oscilent Corporation
813-IF85.0M-20B OSCILENT-813-IF85.0M-20B Datasheet
221Kb / 6P
   85.0 MHz IF SAW Filter 20.46 MHz Bandwidth
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com