Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB500V-40_T Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # RB500V-40_T
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB500V-40_T Datasheet(HTML) 1 Page - Pan Jit International Inc.

  RB500V-40_T Datasheet HTML 1Page - Pan Jit International Inc. RB500V-40_T Datasheet HTML 2Page - Pan Jit International Inc. RB500V-40_T Datasheet HTML 3Page - Pan Jit International Inc. RB500V-40_T Datasheet HTML 4Page - Pan Jit International Inc. RB500V-40_T Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 20,2012-REV.02
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volts
410mWatts
MECHANICAL
Case: SOD-123 plastic case.
Terminals : Solderable per MIL-STD-750,Method 2026
Standard packaging: 8mm tape
Weight: approximately 0.0004 ounces, 0.01 grams
Marking Code: A2
DATA
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
NOTE:
1. CJ at VR=0, f=1MHZ
2.From IF=10mA to IR=1mA, VR=6Volts, RL=100Ω
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
VR
5
7
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
VRM
0
0
1
V
e
g
a
tl
o
V
S
M
R
VRMS
0
5
V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
ix
a
M
VDC
5
7
V
T
t
a
t
n
e
rr
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
ix
a
M
A
5
2
= OC
I AV
0
5
1
A
m
0
.
1
,t
n
e
rr
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
µs
I FSM
4
A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
O
C
PTOT
0
1
4
W
m
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
ix
a
M
VF
A
1
0
0
.
0
@
5
1
7
.
0
A
1
0
.
0
@
5
5
8
.
0
A
5
0
.
0
@
0
.
1
A
5
1
.
0
@
5
2
.
1
V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
rr
u
C
e
s
r
e
v
e
R
C
D
m
u
m
ix
a
M
TJ
5
2
=
O
C
I R
V
0
2
@
5
2
0
.
0
V
5
7
@
5
.
2
µA
)
1
s
e
t
o
N
(
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
CJ
5
.
1
F
p
)
2
s
e
t
o
N
(
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
ix
a
M
TRR
0
.
4
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
RθJA
0
5
4
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
it
a
r
e
p
O
TJ
0
5
1
+
o
t
5
5
-
O
C
0.154(3.90)
0.141(3.60)
0.110(2.80)
0.098(2.50)
0.028(0.70)
0.019(0.50)
0.008(0.20)MAX.
0.005(0.12)MAX.
0.016(0.40)MIN.
0.053(1.35)
0.037(0.95)
0.071(1.80)
0.055(1.40)
Unit inch(mm)
SOD-123
1N4148W-AU
W
8
4
1
4
N
1
FEATURES
• Fast switching Speed.
• Electrically ldentical to Standerd JEDEC
• High Conductance
• Surface Mount Package ldeally Suited for Automatic lnsertion.
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)


Similar Part No. - RB500V-40_T

ManufacturerPart #DatasheetDescription
logo
Rohm
RB500V-40TE-17 ROHM-RB500V-40TE-17 Datasheet
114Kb / 4P
   Shottky barrier diode
RB500V-40 ROHM-RB500V-40_1 Datasheet
143Kb / 4P
   Shottky barrier diode
logo
Micro Commercial Compon...
RB500V-40 MCC-RB500V-40_13 Datasheet
181Kb / 3P
   0.1 Amp Schottky Barrier Rectifier 40 Volts
logo
Taiwan Semiconductor Co...
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
logo
Pan Jit International I...
RB500V-40 PANJIT-RB500V-40_16 Datasheet
238Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - RB500V-40_T

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com