Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFSX0E471ER Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # EEFSX0E471ER
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

EEFSX0E471ER Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  EEFSX0E471ER Datasheet HTML 1Page - PACELEADER INDUSTRIAL EEFSX0E471ER Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
– EEF-7 –
W1
L
+
-
P
P
Cap.
Polarity bar (Positive)
W.V. code
Lot No.
Features
● Super Low-ESR (4.5 m to 9 m )
● Lower ESR and Higher Capacitance at the same
case size as conventional products.
● Excellent Noise-absorbent Characteristics
● High Ripple Current
● RoHS directive compliant
Surface Mount Type
Series:
S
Specifications
Series & Size Code
SL
SX
Category Temp. Range
–40 °C to +105 °C
Rated W.V.Range
2 V.DC to 6.3 V.DC
Nominal Cap.Range
56 µF to 220 µF
82 µF to 560 µF
Capacitance Tolerance
±20 %
DC Leakage Current
Reflow 240 °C : I
< 0.06 CV (µA) 2 minutes (2 V.DC to 4 V.DC)
I
< 0.04 CV (µA) 2 minutes (6.3 V.DC)
Reflow 260 °C : I
< 0.1 CV (µA) 2 minutes
tan
δ
< 0.06 (120 Hz/+20 °C)
Surge VoltageRated Working Voltage
1.25 (15 °C to 35 °C)
Endurance
After applying rated working voltage for 1000 hours at 105 °C±2 °C, and then being stabilized at +20 °C,
capacitor shall meet the following limits.
Capacitance change
±10% of initial measured value
tan
δ
< Initial specified value
DC leakage current
< Initial specified value
Moisture resistance
After storing for 500 hours at 60 °C, 90 %
Capacitance change of
initial measurd value
2, 2.5 V.DC
4 V.DC
6.3 V.DC
+70, –20 %
+60, –20 %
+50, –20 %
tan
δ
< 200 % of initial specified value
DC leakage current
< Initial specified value
Dimensions in mm(not to scale)
Marking
(Unit : mm)
Series &
Size Code
L±0.2 W1±0.2 W2±0.1
H
P±0.3
SL
7.3
4.3
2.4
1.8±0.1
1.3
SX
7.3
4.3
2.4
1.9±0.2
1.3
✽ Externals of figure are the reference.
00 Nov. 2012


Similar Part No. - EEFSX0E471ER

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFSX0E471ER PANASONIC-EEFSX0E471ER Datasheet
66Kb / 2P
   Surface Mount Type
EEFSX0E471ER PANASONIC-EEFSX0E471ER Datasheet
60Kb / 2P
   SP Cap Conductive Polymer Aluminum Capacitors Specialty Polymer Aluminum Capacitors
EEFSX0E471ER PANASONIC-EEFSX0E471ER Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFSX0E471ER PANASONIC-EEFSX0E471ER Datasheet
60Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFSX0E471ER PANASONIC-EEFSX0E471ER Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFSX0E471ER

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-GX0E471R PANASONIC-EEF-GX0E471R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0K220R PANASONIC-EEF-CD0K220R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CX0J101R PANASONIC-EEF-CX0J101R Datasheet
93Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com