Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CN-R2MT-500 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E5CN-R2MT-500
Description  Digital Temperature Controllers/Digital Controllers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2MT-500 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E5CN-R2MT-500 Datasheet HTML 2Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 3Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 4Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 5Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 6Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 9Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
E5CN/E5CN-U
6
Model Number Structure
Model Number Legend (Plug-in-type Controllers)
1. Output Type
R: Relay output
Q: Voltage output (for driving SSR)
C: Current output
2. Number of Alarms
Blank: No alarm
1: One alarm
2: Two alarms
3. Input Type
T: Universal thermocouple/platinum resistance thermometer
L: Analog Input
4. Plug-in type
U: Plug-in type
Ordering Information
Plug-in-type Controllers
1 234
E5CN-
@@@U
Size
Case color
Power supply voltage
Input type
Auxiliary outputs
Control output 1
Model
1/16 DIN
Black
100 to 240 VAC
Thermocouple
or resistance
thermometer
None
Relay output
E5CN-RTU
Voltage output (for driving SSR) E5CN-QTU
Current output
E5CN-CTU
1
Relay output
E5CN-R1TU
Voltage output (for driving SSR) E5CN-Q1TU
Current output
E5CN-C1TU
2
Relay output
E5CN-R2TU
Voltage output (for driving SSR) E5CN-Q2TU
Current output
E5CN-C2TU
Analog
(current/voltage)
1
Relay output
E5CN-R1LU
Voltage output (for driving SSR) E5CN-Q1LU
Current output
E5CN-C1LU
2
Relay output
E5CN-R2LU
Voltage output (for driving SSR) E5CN-Q2LU
Current output
E5CN-C2LU
24 VAC/VDC
Thermocouple
or resistance
thermometer
None
Relay output
E5CN-RTDU
Voltage output (for driving SSR) E5CN-QTDU
Current output
E5CN-CTDU
1
Relay output
E5CN-R1TDU
Voltage output (for driving SSR) E5CN-Q1TDU
Current output
E5CN-C1TDU
2
Relay output
E5CN-R2TDU
Voltage output (for driving SSR) E5CN-Q2TDU
Current output
E5CN-C2TDU


Similar Part No. - E5CN-R2MT-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN-R2MT-500 OMRON-E5CN-R2MT-500 Datasheet
778Kb / 24P
   Digital Temperature Controllers
E5CN-R2MT-500 OMRON-E5CN-R2MT-500 Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
More results

Similar Description - E5CN-R2MT-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
   Digital Temperature Controllers
E5CN OMRON-E5CN Datasheet
778Kb / 24P
   Digital Temperature Controllers
E5GN OMRON-E5GN Datasheet
104Kb / 6P
   Digital Temperature Controllers
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
UCC3020 TI1-UCC3020 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
logo
Zilog, Inc.
Z90231 ZILOG-Z90231 Datasheet
128Kb / 9P
   Z8 DIGITAL TELEVISION CONTROLLERS
logo
Texas Instruments
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com